Electronic Components Datasheet Search
  English  ▼

X  

MAX9502 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9502
Description  2.5V Video Amplifier with Reconstruction Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9502 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9502 Datasheet HTML 1Page - Maxim Integrated Products MAX9502 Datasheet HTML 2Page - Maxim Integrated Products MAX9502 Datasheet HTML 3Page - Maxim Integrated Products MAX9502 Datasheet HTML 4Page - Maxim Integrated Products MAX9502 Datasheet HTML 5Page - Maxim Integrated Products MAX9502 Datasheet HTML 6Page - Maxim Integrated Products MAX9502 Datasheet HTML 7Page - Maxim Integrated Products MAX9502 Datasheet HTML 8Page - Maxim Integrated Products MAX9502 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2.5V Video Amplifier with Reconstruction Filter
_______________________________________________________________________________________
5
MAX9502M
GROUP DELAY
FREQUENCY (MHz)
1
60
80
100
120
140
160
180
200
40
0.1
10
MAX9502G
POWER-SUPPLY REJECTION RATIO
FREQUENCY (MHz)
1
0.1
0.001
0.01
-90
-80
-70
-50
-60
-40
-30
-20
-10
0
-100
0.0001
10
MAX9502M
POWER-SUPPLY REJECTION RATIO
FREQUENCY (MHz)
1
0.1
0.001
0.01
-90
-70
-80
-60
-50
-40
-30
-20
-10
0
-100
0.0001
10
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
3.0
-40
85
MAX9502G
MAX9502M
SUPPLY CURRENT
vs. SHDN INPUT VOLTAGE
SHDN INPUT VOLTAGE (V)
2.5
2.0
1.5
1.0
0.5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
0
3.0
VSHDN = RISING
SHUTDOWN LOGIC THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.5
3.4
3.3
3.2
3.1
3.0
2.9
2.8
2.7
2.6
0.5
1.0
1.5
2.0
2.5
3.0
0
2.5
3.6
VSHDN = RISING
MAX9502G
VOLTAGE GAIN vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
5.7
5.9
6.1
6.3
6.5
5.5
-40
85
MAX9502M
VOLTAGE GAIN vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
11.7
11.9
12.1
12.3
12.5
11.5
-40
85
MAX9502G
DIFFERENTIAL GAIN AND PHASE
6
5
4
3
2
0.2
0.1
-0.3
-0.1
0.4
-0.4
17
6
5
4
3
2
0.4
0
-0.4
0.8
-0.8
17
Typical Operating Characteristics (continued)
(VCC = SHDN = 3.0V, GND = 0V, RL = 150
Ω to GND.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com