Electronic Components Datasheet Search
  English  ▼

X  

MAX9502 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9502
Description  2.5V Video Amplifier with Reconstruction Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9502 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9502 Datasheet HTML 1Page - Maxim Integrated Products MAX9502 Datasheet HTML 2Page - Maxim Integrated Products MAX9502 Datasheet HTML 3Page - Maxim Integrated Products MAX9502 Datasheet HTML 4Page - Maxim Integrated Products MAX9502 Datasheet HTML 5Page - Maxim Integrated Products MAX9502 Datasheet HTML 6Page - Maxim Integrated Products MAX9502 Datasheet HTML 7Page - Maxim Integrated Products MAX9502 Datasheet HTML 8Page - Maxim Integrated Products MAX9502 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2.5V Video Amplifier with Reconstruction Filter
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = SHDN = 3.0V, GND = 0V, no load, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C, unless otherwise
noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +4V
SHDN, IN, OUT to GND..............................-0.3V to (VCC + 0.3V)
OUT Short-Circuit Duration to VCC, GND……............Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (derate 3.1mW/°C above +70°C)……….. .247mW
6-Pin µDFN (derate 2.1mW/°C above +70°C)………...168mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VCC
Guaranteed by PSRR
2.5
3.6
V
Quiescent Supply Current
ICC
VIN = 0V, 2.5V
≤ VCC ≤ 3.6V, SHDN = VCC
5.3
9
mA
Shutdown Supply Current
ISHDN
VSHDN = 0V
0.01
1
µA
VCC = 2.5V
0
1.05
Guaranteed by DC
voltage gain (MAX9502G)
VCC = 3.0V
0
1.2
VCC = 2.5V
0
0.525
Input Voltage Range
VIN
Guaranteed by DC
voltage gain (MAX9502M)
VCC = 3.0V
0
0.6
V
Input Current
IIN
VIN = 0V
3.5
10
µA
Input Resistance
RIN
∆VIN/∆IIN
17
M
Ω
MAX9502G
5.5
6
6.5
DC Voltage Gain (Note 2)
AV
RL = 150
Ω to GND,
VCC = 2.5V to 3V
MAX9502M
11.5
12
12.5
dB
Output Sync-Tip Level
VSTIP
Measured at OUT, VIN = 0V,
RL = 150
Ω to GND
110
230
mV
VCC = 2.5V,
0
≤ VIN ≤ 1.05V
1.97
2.1
2.23
MAX9502G,
RL = 150
Ω to GND
VCC = 3.0V,
0
≤ VIN ≤ 1.2V
2.26
2.4
2.54
VCC = 2.5V,
0
≤ VIN ≤ 0.525V
1.97
2.1
2.23
Output Voltage Swing
VOUT
MAX9502M,
RL = 150
Ω to GND
VCC = 3.0V,
0
≤ VIN ≤ 0.6V
2.26
2.4
2.54
VP-P
Output Short-Circuit Current
Threshold
ISC
Sourcing (Note 3)
95
mA
Output Resistance
ROUT
0.15
Ω
Shutdown Output Impedance
ROUT(OFF)
VSHDN = 0V
4
k
Ω
DC Power-Supply Rejection Ratio
PSRRDC
VIN = 0V, 2.5V
≤ VCC ≤ 3.6V
50
90
dB
LOGIC INPUTS (SHDN)
Logic-Low Level
VIL
0.8
V
Logic-High Level
VIH
2.0
V
Logic Input Current
IIL
SHDN = GND and VCC
1µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com