Electronic Components Datasheet Search
  English  ▼

X  

CS82C88 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # CS82C88
Description  CMOS Bus Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CS82C88 Datasheet(HTML) 5 Page - Renesas Technology Corp

  CS82C88 Datasheet HTML 1Page - Renesas Technology Corp CS82C88 Datasheet HTML 2Page - Renesas Technology Corp CS82C88 Datasheet HTML 3Page - Renesas Technology Corp CS82C88 Datasheet HTML 4Page - Renesas Technology Corp CS82C88 Datasheet HTML 5Page - Renesas Technology Corp CS82C88 Datasheet HTML 6Page - Renesas Technology Corp CS82C88 Datasheet HTML 7Page - Renesas Technology Corp CS82C88 Datasheet HTML 8Page - Renesas Technology Corp CS82C88 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
82C88
FN2979 Rev 3.00
Page 5 of 12
August 13, 2015
Absolute Maximum Ratings
Thermal Information
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input, Output or I/O Voltage. . . . . . . . . . . .GND -0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range
C82C88 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
I82C88 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
M82C88 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
CERDIP Package. . . . . . . . . . . . . . . .
75
18
CLCC Package . . . . . . . . . . . . . . . . .
85
22
PDIP Package . . . . . . . . . . . . . . . . . .
75
N/A
PLCC Package. . . . . . . . . . . . . . . . . .
75
N/A
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Maximum Junction Temperature
Ceramic Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175°C
Plastic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300°C
(PLCC - Lead Tips Only)
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .100 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
DC Electrical Specifications
VCC = 5.0V 10%;
TA = 0°C to +70°C (C82C88);
TA = -40°C to +85°C (I82C88);
TA = -55°C to +125°C (M82C88)
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
VIH
Logical One Input Voltage
2.0
2.2
-
-
V
V
C82C88, I82C88
M82C88
VIL
Logical Zero Input Voltage
-
0.8
V
VIHC
CLK Logical One Input Voltage
VCC -0.8
-
V
VILC
CLK Logical Zero Input Voltage
-
0.8
V
VOH
Output High Voltage
Command Outputs
3.0
VCC -0.4
-V
V
IOH = -8.0mA
IOH = -2.5mA
Output High Voltage
Control Outputs
3.0
VCC -0.4
-V
V
IOH = -4.0mA
IOH = -2.5mA
VOL
Output Low Voltage
Command Outputs
-0.5
V
IOL= +12.0mA
Output Low Voltage
Control Outputs
-0.4
V
IOL = +8.0mA
II
Input Leakage Current
-1.0
1.0
AVIN = GND or VCC, except S0, S1, S2,
DIP Pins 1-2, 6, 15
IBHH
Input Leakage Current-Status Bus
-50
-300
AVIN = 2.0V, S0, S1, S2 (See Note 1)
IO
Output Leakage Current
-10.0
10.0
AVO = GND or VCC, IOB = GND, AEN = VCC,
DIP Pins 7-9, 11-14
ICCSB
Standby Power Supply
-
10
AVCC = 5.5V, VIN = VCC or GND, Outputs Open
ICCOP
Operating Power Supply Current
-
1
mA/MHz
VCC = 5.5V, Outputs Open (See Note 2)
NOTES:
1. IBHH should be measured after raising the VIN on S0, S1, S2 to VCC and then lowering to valid input high level of 2.0V.
2. ICCOP = 1mA/MHz of CLK cycle time (TCLCL)
Capacitance TA = +25°C
SYMBOL
PARAMETER
TYPICAL
UNITS
TEST CONDITIONS
CIN
Input Capacitance
10
pF
FREQ = 1MHz, all measurements are
referenced to device GND
COUT
Output Capacitance
17
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com