Electronic Components Datasheet Search
  English  ▼

X  

CS82C88 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # CS82C88
Description  CMOS Bus Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CS82C88 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button CS82C88 Datasheet HTML 4Page - Renesas Technology Corp CS82C88 Datasheet HTML 5Page - Renesas Technology Corp CS82C88 Datasheet HTML 6Page - Renesas Technology Corp CS82C88 Datasheet HTML 7Page - Renesas Technology Corp CS82C88 Datasheet HTML 8Page - Renesas Technology Corp CS82C88 Datasheet HTML 9Page - Renesas Technology Corp CS82C88 Datasheet HTML 10Page - Renesas Technology Corp CS82C88 Datasheet HTML 11Page - Renesas Technology Corp CS82C88 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
82C88
FN2979 Rev 3.00
Page 11 of 12
August 13, 2015
Die Characteristics
Die Dimensions:
103.5 x 116.5 x 19
 1mils
Metallization:
Type: Si - Al
Thickness: 11k
Å 2kÅ
Glassivation:
Type: Nitrox
Thickness: 10k
Å
Worst Case Current Density:
1.9 x 105 A/cm2
Metallization Mask Layout
82C88
S1
CLK
IOB
VCC
S0
S2
MCE/
DEN
CEN
INTA
IORC
AIOWC
IOWC
GND
MWTC
AMWC
MRDC
AEN
ALE
DT/R
PDEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com