Electronic Components Datasheet Search
  English  ▼

X  

CS82C88 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # CS82C88
Description  CMOS Bus Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CS82C88 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button CS82C88 Datasheet HTML 3Page - Renesas Technology Corp CS82C88 Datasheet HTML 4Page - Renesas Technology Corp CS82C88 Datasheet HTML 5Page - Renesas Technology Corp CS82C88 Datasheet HTML 6Page - Renesas Technology Corp CS82C88 Datasheet HTML 7Page - Renesas Technology Corp CS82C88 Datasheet HTML 8Page - Renesas Technology Corp CS82C88 Datasheet HTML 9Page - Renesas Technology Corp CS82C88 Datasheet HTML 10Page - Renesas Technology Corp CS82C88 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
82C88
FN2979 Rev 3.00
Page 7 of 12
August 13, 2015
AC Testing Input, Output Waveform
A.C. Testing: All input signals (other than CLK) must switch
between VIL -0.4V and VIH +0.4. CLK must switch between 0.4V
and VCC -0.4V. Input rise and fall times are driven at 1ns/V.
A.C. Test Circuit
TABLE 2. TEST CONDITION DEFINITION TABLE
TEST CONDITION
V1
R1
C1
1
2.13V
220
80pF
2
2.29V
91
300pF
3
1.5V
187
300pF
4
1.5V
187
50pF
1.5V
1.5V
VIL -0.4V
INPUT
VIH +0.4V
VOL
OUTPUT
VOH
TEST
POINT
V1
C1 (SEE NOTE)
R1
OUTPUT FROM
DEVICE
UNDER TEST
NOTE:
INCLUDES STRAY AND JIG CAPACITANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com