Electronic Components Datasheet Search
  English  ▼

X  

EL7584 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL7584
Description  4-Channel DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7584 Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL7584 Datasheet HTML 1Page - Renesas Technology Corp EL7584 Datasheet HTML 2Page - Renesas Technology Corp EL7584 Datasheet HTML 3Page - Renesas Technology Corp EL7584 Datasheet HTML 4Page - Renesas Technology Corp EL7584 Datasheet HTML 5Page - Renesas Technology Corp EL7584 Datasheet HTML 6Page - Renesas Technology Corp EL7584 Datasheet HTML 7Page - Renesas Technology Corp EL7584 Datasheet HTML 8Page - Renesas Technology Corp EL7584 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
EL7584
FN7317 Rev 2.00
Page 4 of 16
February 4, 2005
Pin Descriptions I = Input, O = Output, S = Supply
PIN NUMBER
PIN NAME
PIN TYPE
PIN FUNCTION
1
SS
I
Soft-Start input: a capacitor determines the current limit ramp time.
2
FBB
I
Voltage feedback input determines the value of VBOOST.
3
EN
I
Starts internal power sequencing of VBOOST, VOFF, VCOM and VON outputs
(See Applications Information) ; active HIGH input.
4
VDDB
P
Positive supply for VBOOST DC/DC controller.
5
LX1
O
Boost inductor saturating MOSFET #1.
6
LX2
O
Boost inductor saturating MOSFET #2.
7
VSSN*
P
Ground return for VOFF regulator.
8
DRVN
O
Pump capacitor driver for VOFF regulator.
9
VDDN
P
Positive supply for VOFF regulator.
10
FBN
I
Voltage feedback input determines the value of VOFF.
11
DP
I
An external capacitor increases VON power up delay time.
12
INC
I
VCOM Buffer input.
13
VDDC
P
Positive supply for VCOM Buffer.
14
VCOM
O
VCOM Buffer output.
15
VSSC*
P
Ground return for VCOM Buffer.
16
FBP
I
Voltage feedback input determines the value of VON.
17
VDDP
P
Positive supply for VON regulator.
18
DRVP
O
Pump capacitor driver for VON regulator.
19
VSSP*
P
Ground return for VON regulator.
20
PGND*
P
Ground return for MOSFET #1.
21
PGND*
P
Ground return for MOSFET #2.
22
VREF
O
Voltage reference for VOFF feedback .
23
ROSC
I
An external resistor sets the DC/DC switching frequency.
24
VSSB*
P
Ground return for VBOOST DC/DC controller.
NOTE: *VSSB, VSSC, VSSN, VSSP, and PGND (2) are shorted internally to the device substrate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com