Electronic Components Datasheet Search
  English  ▼

X  

EL7584 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # EL7584
Description  4-Channel DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7584 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button EL7584 Datasheet HTML 5Page - Renesas Technology Corp EL7584 Datasheet HTML 6Page - Renesas Technology Corp EL7584 Datasheet HTML 7Page - Renesas Technology Corp EL7584 Datasheet HTML 8Page - Renesas Technology Corp EL7584 Datasheet HTML 9Page - Renesas Technology Corp EL7584 Datasheet HTML 10Page - Renesas Technology Corp EL7584 Datasheet HTML 11Page - Renesas Technology Corp EL7584 Datasheet HTML 12Page - Renesas Technology Corp EL7584 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
EL7584
FN7317 Rev 2.00
Page 9 of 16
February 4, 2005
Applications Information
The EL7584 is high efficiency multiple output power solution
designed specifically for thin-film transistor (TFT) liquid
crystal display (LCD) applications. The device contains one
high current boost converter and two low power charge
pumps (VON and VOFF).
The boost converter contains an integrated N-channel
MOSFET to minimize the number of external components.
The converter output voltage can be set from 5V to 18V with
external resistors. The VON and VOFF charge pumps are
independently regulated to positive and negative voltages
using external resistors. Output voltages as high as 40V can
be achieved with additional capacitors and diodes.
Boost Converter
The boost converter operates in constant frequency pulse-
width-modulation (PWM) mode. Quiescent current for the
EL7584 is only 5mA when enabled, and since only the low
side MOSFET is used, switch drive current is minimized.
90% efficiency is achieved in most common application
operating conditions.
A functional block diagram with typical circuit configuration is
shown on previous page. Regulation is performed by the
PWM comparator which regulates the output voltage by
comparing a divided output voltage with an internal
reference voltage. The PWM comparator outputs its result to
the PWM logic. The PWM logic switches the MOSFET on
and off through the gate drive circuit. Its switching frequency
is external adjustable with a resistor from timing control pin
(ROSC) to ground. The boost converter has 200kHz to
1.2MHz operating frequency range.
Start-Up
After VDDB reaches a threshold of about 2V, the power
MOSFET is controlled by the start-up oscillator, which
generates fixed duty-ratio of 0.5 - 0.7 at a frequency of
several hundred kilohertz. This will boost the output voltage,
providing the initial output current load is not too great
(<250mA).
When VDDB reaches about 3.7V, the PWM comparator
takes over the control. The duty ratio will be decided by the
multiple-input direct summing comparator, Max_Duty signal
(about 90% duty-ratio), and the Current Limit Comparator,
whichever is the smallest.
The soft-start is provided by the current limit comparator. As
the internal 12µA current source charges the external soft-
start capacitor, the peak MOSFET current is limited by the
voltage on the capacitor. This in turn controls the rising rate
of output voltage.
The regulator goes through the start-up sequence as well
after the EN signal is pulled to HI.
Steady-State Operation
When the output reaches the preset voltage, the regulator
operates at steady state. Depending on the input/output
condition and component, the inductor operates at either
continuous-conduction mode or discontinuous-conduction
mode.
In the continuous-conduction mode, the inductor current is a
triangular waveform and LX voltage a pulse waveform. In the
discontinuous-conduction mode, the inductor current is
completely ‘dried-out’ before the MOSFET is turned on
again. The input voltage source, the inductor, and the
MOSFET and output diode parasitic capacitors forms a
resonant circuit. Oscillation will occur in this period. This
oscillation is normal and will not affect the regulation.
At very low load, the MOSFET will skip pulse sometimes.
This is normal.
Current Limit
The MOSFET is current limited to <1.75Amps (nominal).
This restricts the maximum output current IOMAX based on
the following formula:
where:
•
IL is the inductor peak-to-peak current ripple and is
decided by:
• D is the MOSFET turn-on radio and is decided by:
•FS is the switching frequency.
IOMAX
ILMT
L
2
-------
–

 VIN
VO
---------
=
I
L
VIN
L
---------
D
FS
-------
=
D
VO - VIN
VO
------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com