Electronic Components Datasheet Search
  English  ▼

X  

EL7584 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # EL7584
Description  4-Channel DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7584 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button EL7584 Datasheet HTML 3Page - Renesas Technology Corp EL7584 Datasheet HTML 4Page - Renesas Technology Corp EL7584 Datasheet HTML 5Page - Renesas Technology Corp EL7584 Datasheet HTML 6Page - Renesas Technology Corp EL7584 Datasheet HTML 7Page - Renesas Technology Corp EL7584 Datasheet HTML 8Page - Renesas Technology Corp EL7584 Datasheet HTML 9Page - Renesas Technology Corp EL7584 Datasheet HTML 10Page - Renesas Technology Corp EL7584 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
EL7584
FN7317 Rev 2.00
Page 7 of 16
February 4, 2005
FIGURE 13. FS vs ROSC
FIGURE 14. FS vs ROSC
FIGURE 15. POWER-DOWN
FIGURE 16. POWER-UP
FIGURE 17. LX WAVEFORM - DISCONTINUOUS MODE
FIGURE 18. LX WAVEFORM - CONTINUOUS MODE
Typical Performance Curves (Continued)
f(MHz)=1/(0.0118 ROSC+0.378)
1400
1000
800
400
0
0
50
100
200
450
ROSC (k)
150
300
600
200
400
1200
250
350
SWITCHING PERIOD(µs)=0.0118 ROSC+0.378)
6
4
3
1
0
0
50
100
200
450
ROSC (k)
150
300
2
400
5
250
350
100K & 0.1µF DELAY NETWORK ON ENP, CSS=0.1µF
VBOOST
VON
VOFF
5V/DIV
2V/DIV
10V/DIV
200ms/DIV
100K & 0.1µF DELAY NETWORK ON ENP, CSS=0.1µF
VBOOST
VON
VOFF
5V/DIV
2V/DIV
10V/DIV
1ms/DIV
1ms/DIV
VIN=3.3V, VOUT=11.3V, IOUT=50mA
VIN=3.3V, VOUT=11.3V, IOUT=250mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com