Electronic Components Datasheet Search
  English  ▼

X  

EL7641ILTZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL7641ILTZ
Description  TFT-LCD DC/DC with Integrated Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7641ILTZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL7641ILTZ Datasheet HTML 1Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 2Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 3Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 4Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 5Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 6Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 7Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 8Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
EL7640, EL7641, EL7642
FN7415 Rev 2.00
Page 3 of 19
February 22, 2006
Absolute Maximum Ratings (TA = 25°C)
IN, CTL to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
COMP, FB, FBP, FBN, DEL, REF to AGND. . . . . -0.3V to VIN+0.3V
PGND, BGND to AGND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±0.3V
LX to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +24V
SUP to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +18V
DRVP, SRC to AGND . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +36V
POS1, NEG1, OUT1, POS2, NEG2, OUT2, POS3, OUT3,
POS4, NEG4, OUT4, POS5, OUT5 to AGND . . -0.3V to VSUP+0.3V
DRVN to AGND . . . . . . . . . . . . . . . . . . . . . . . VIN -20V to VIN +0.3V
COM, DRN to AGND . . . . . . . . . . . . . . . . . . . . -0.3V to VSRC +0.3V
LX Maximum Continuous RMS Output Current. . . . . . . . . . . . . 1.6A
OUT1, OUT2, OUT3, OUT4, OUT5
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . ±75mA
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Maximum Continuous Junction Temperature . . . . . . . . . . . . +125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Operating Ambient Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VIN = 3V, VBOOST = VSUP = 12V, VSRC = 20V, Over temperature from -40°C to 85°C.
Unless Otherwise Specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input Supply Range
2.6
5.5
V
VLOR
Undervoltage Lockout Threshold
VIN rising
2.4
2.5
2.6
V
VLOF
Undervoltage Lockout Threshold
VIN falling
2.2
2.3
2.4
V
IS
Quiescent Current
LX not switching
2.5
mA
ISS
Quiescent Current - Switching
LX switching
5
10
mA
TFD
Fault Delay Time
CDEL = 220nF
52
ms
VREF
Reference Voltage
TA = 25°C
1.19
1.215
1.235
V
1.187
1.215
1.238
V
SHUTDN
Thermal Shutdown Temperature
140
°C
MAIN BOOST REGULATOR
VBOOST
Output Voltage Range
(Note 1)
VIN+
15%
18
V
FOSC
Oscillator Frequency
1050
1200
1350
kHz
DCM
Maximum Duty Cycle
82
85
%
VFBB
Boost Feedback Voltage
TA = 25°C
1.192
1.205
1.218
V
1.188
1.205
1.222
V
VFTB
FB Fault Trip Level
Falling edge
0.85
0.925
1.020
V
VBOOST/
IBOOST
Load Regulation
50mA < ILOAD < 250mA
0.1
%
VBOOST/
VIN
Line Regulation
VIN = 2.6V to 5.5V
0.08
%/V
IFB
Input Bias Current
VFB = 1.35V
500
nA
gmV
FB Transconductance
dI = ±2.5µA at COMP, FB = COMP
160
µA/V
RONLX
LX On Resistance
160
m
ILEAKLX
LX Leakage Current
VFB = 1.35V, VLX = 13V
0.02
40
µA
ILIMLX
LX Current Limit
Duty cycle = 65% (Note 1)
3.0
A
tSSB
Soft-Start Period
CDEL = 220nF
2
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com