Electronic Components Datasheet Search
  English  ▼

X  

EL7641ILTZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # EL7641ILTZ
Description  TFT-LCD DC/DC with Integrated Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7641ILTZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button EL7641ILTZ Datasheet HTML 9Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 10Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 11Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 12Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 13Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 14Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 15Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 16Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
EL7640, EL7641, EL7642
FN7415 Rev 2.00
Page 13 of 19
February 22, 2006
FIGURE 20. VOFF FUNCTIONAL BLOCK DIAGRAM
The VON power supply is used to power the positive supply of
the row driver in the LCD panel. The DC/DC consists of an
external diode-capacitor charge pump powered from the
inductor (LX) of the boost converter, followed by a low dropout
linear regulator (LDO_ON). The LDO_ON regulator uses an
external PNP transistor as the pass element. The onboard
LDO controller is a wide band (>10MHz) transconductance
amplifier capable of 5mA output current, which is sufficient for
up to 50mA or more output current under the low dropout
condition (forced beta of 10). Typical VON voltage supported by
EL7640, EL7641 and EL7642 ranges from +15V to +36V. A
fault comparator is also included for monitoring the output
voltage. The under-voltage threshold is set at 25% below the
1.2V reference.
The VOFF power supply is used to power the negative supply
of the row driver in the LCD panel. The DC/DC consists of an
external diode-capacitor charge pump powered from the
inductor (LX) of the boost converter, followed by a low dropout
linear regulator (LDO_OFF). The LDO_OFF regulator uses an
external NPN transistor as the pass element. The onboard
LDO controller is a wide band (>10MHz) transconductance
amplifier capable of 5mA output current, which is sufficient for
up to 50mA or more output current under the low dropout
condition (forced beta of 10). Typical VOFF voltage supported
by EL7640, EL7641 and EL7642 ranges from -5V to -25V. A
fault comparator is also included for monitoring the output
voltage. The under-voltage threshold is set at 200mV above
the 0.2V reference level.
Set-up Output Voltage
Refer to Typical Application Diagram, the output voltages of
VON, VOFF and VLOGIC are determined by the following
equations:
Where VREF = 1.2V, VREFN = 0.2V.
High Charge Pump Output Voltage (>36V)
Applications
In the applications where the charge pump output voltage is
over 36V, an external NPN transistor needs to be inserted in
between the DRVP pin and the base of pass transistor Q3 as
shown in Figure 21, or the linear regulator can control only one
stage charge pump and regulate the final charge pump output
as shown in Figure 22.
-
+
-
+
36V
ESD
CLAMP
GMN
LDO_OFF
1: Nn
FBN
DRVN
0.1µF
0.1µF
CP (TO -26V)
RBN
COFF
VOFF (TO -20V)
LX
RN1
RN2
20k
VREF
PG_LDON
0.4V
700
VON
VREF 1
R12
R11
----------
+



=
VOFF
VREFN
R22
R21
----------
VREFN VREF
–

+
=
VIN
OR VBOOST
CHARGE PUMP
OUTPUT
700
Q11
FBP
DRVP
NPN
CASCODE
TRANSISTOR
EL764X
VON
FIGURE 21. CASCODE NPN TRANSISTOR CONFIGURATION
FOR HIGH CHARGE PUMP OUTPUT VOLTAGE
(>36V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com