Electronic Components Datasheet Search
  English  ▼

X  

EL7641ILTZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # EL7641ILTZ
Description  TFT-LCD DC/DC with Integrated Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7641ILTZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button EL7641ILTZ Datasheet HTML 10Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 11Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 12Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 13Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 14Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 15Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 16Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 17Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
EL7640, EL7641, EL7642
FN7415 Rev 2.00
Page 14 of 19
February 22, 2006
Calculation of the Linear Regulator Base-emitter
Resistors (RBP and RBN)
For the pass transistor of the linear regulator, low frequency
gain (Hfe) and unity gain frequency (fT) are usually specified in
the datasheet. The pass transistor adds a pole to the loop
transfer function at fp = fT/Hfe. Therefore, in order to maintain
phase margin at low frequency, the best choice for a pass
device is often a high frequency low gain switching transistor.
Further improvement can be obtained by adding a base-
emitter resistor RBE (RBP, RBL, RBN in the Functional Block
Diagram), which increases the pole frequency to: fp = fT*(1+
Hfe *re/RBE)/Hfe, where re = KT/qIc. So choose the lowest
value RBE in the design as long as there is still enough base
current (IB) to support the maximum output current (IC).
We will take as an example the VON linear regulator. If a
Fairchild MMBT3906 PNP transistor is used as the external
pass transistor, Q11 in the application diagram, then for a
maximum VON operating requirement of 50mA the data sheet
indicates Hfe_min = 60. The base-emitter saturation voltage is:
Vbe_max = 0.7V.
For the EL7640, EL7641 and EL7642, the minimum drive
current is:
I_DRVP_min = 2mA
The minimum base-emitter resistor, RBP, can now be
calculated as:
RBP_min = VBE_max/(I_DRVP_min - Ic/Hfe_min) =
0.7V/(2mA - 50mA/60) = 600
This is the minimum value that can be used – so, we now
choose a convenient value greater than this minimum value;
say 700
. Larger values may be used to reduce quiescent
current, however, regulation may be adversely affected by
supply noise if RBP is made too high in value.
Charge Pump
To generate an output voltage higher than VBOOST, single or
multiple stages of charge pumps are needed. The number of
stage is determined by the input and output voltage. For
positive charge pump stages:
where VCE is the dropout voltage of the pass component of the
linear regulator. It ranges from 0.3V to 1V depending on the
transistor selected. VF is the forward-voltage of the charge-
pump rectifier diode.
The number of negative charge-pump stages is given by:
To achieve high efficiency and low material cost, the lowest
number of charge-pump stages, which can meet the above
requirements, is always preferred.
Charge Pump Output Capacitors
Ceramic capacitor with low ESR is recommended. With
ceramic capacitors, the output ripple voltage is dominated by
the capacitance value. The capacitance value can be chosen
by the following equation:
where fOSC is the switching frequency.
Discontinuous/Continuous Boost Operation and its
Effect on the Charge Pumps
The EL7640, EL7641 and EL7642 VON and VOFF architecture
uses LX switching edges to drive diode charge pumps from
which LDO regulators generate the VON and VOFF supplies. It
VON
(>36V)
0.1µF
0.1µF
0.1µF
0.1µF
0.47µF
0.22µF
700
0.1µF
VBOOST
LX
Q11
FBP
DRVP
EL7642
FIGURE 22. THE LINEAR REGULATOR CONTROLS ONE STAGE OF CHARGE PUMP
NPOSITIVE
VOUT VCE VINPUT
–
+
VINPUT 2VF
–
--------------------------------------------------------------
NNEGATIVE
VOUTPUT VCE
+
VINPUT 2VF
–
-------------------------------------------------
COUT
IOUT
2VRIPPLE fOSC
------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com