Electronic Components Datasheet Search
  English  ▼

X  

AEB Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # AEB
Description  Low Impedance and Long Life for High Voltage, High Ripple Current Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AEB Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  AEB Datasheet HTML 1Page - Cornell Dubilier Electronics AEB Datasheet HTML 2Page - Cornell Dubilier Electronics AEB Datasheet HTML 3Page - Cornell Dubilier Electronics AEB Datasheet HTML 4Page - Cornell Dubilier Electronics AEB Datasheet HTML 5Page - Cornell Dubilier Electronics AEB Datasheet HTML 6Page - Cornell Dubilier Electronics AEB Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type AEB
SMT Aluminum Electrolytic Capacitors - High Voltage, 105 °C
Ratings
Part Numbering System
Max.
Max.
Max.
Max.
Dissipation
Impedance Ripple Current
Cap
Catalog
DCL
Factor @
@ 100 kHz
@ 105 °C
Size (mm) Quantity
(µF)
Part Number
2 min
120 Hz
20 °C
100 kHz
D x L
Reel
(µA)
20 °C
(Ω)
(mA)
160 Vdc
10.0
AEB106M2CJ32T-F
106
0.15
3.00
70
10 x 13.5
250
33.0
AEB336M2CL32T-F
327
0.15
1.80
470
12.5 x 16.5
150
47.0
AEB476M2CP44T-F
461
0.15
1.40
600
16 x 16.5
125
68.0
AEB686M2CU44T-F
663
0.15
0.55
750
16 x 21.5
75
68.0
AEB686M2CR44T-F
663
0.15
0.80
750
18 x 16.5
125
100.0
AEB107M2CS44T-F
970
0.15
0.50
1060
18 x 21.5
75
200 Vdc
22.0
AEB226M2DL32T-F
274
0.15
1.80
470
12.5 x 16.5
150
33.0
AEB336M2DP44T-F
406
0.15
1.40
600
16 x 16.5
125
47.0
AEB476M2DR44T-F
574
0.15
0.80
600
18 x 16.5
125
68.0
AEB686M2DU44T-F
826
0.15
0.55
750
16 x 21.5
75
100.0
AEB107M2DS44T-F
1210
0.15
0.50
1060
18 x 21.5
75
250 Vdc
10.0
AEB106M2EK32T-F
160
0.15
2.50
88
10 x 16.5
200
22.0
AEB226M2EP44T-F
340
0.15
1.60
560
16 x 16.5
125
33.0
AEB336M2ER44T-F
505
0.15
0.85
560
18 x 16.5
125
47.0
AEB476M2EU44T-F
715
0.15
0.70
710
16 x 21.5
75
68.0
AEB686M2ES44T-F
1030
0.15
0.60
990
18 x 21.5
75
350 Vdc
10.0
AEB106M2VP44T-F
220
0.20
3.20
270
16 x 16.5
125
22.0
AEB226M2VR44T-F
472
0.20
1.60
350
18 x 16.5
125
33.0
AEB336M2VU44T-F
703
0.20
1.20
480
16 x 21.5
75
47.0
AEB476M2VS44T-F
997
0.20
1.00
670
18 x 21.5
75
400 Vdc
3.3
AEB335M2GJ32T-F
89
0.24
8.00
40
10 x 13.5
250
4.7
AEB475M2GK32T-F
123
0.24
5.50
50
10 x 16.5
200
10.0
AEB106M2GP44T-F
250
0.24
3.60
250
16 x 16.5
125
22.0
AEB226M2GU44T-F
538
0.24
2.20
410
16 x 21.5
75
33.0
AEB336M2GS44T-F
802
0.24
1.20
600
18 x 21.5
75
450 Vdc
2.2
AEB225M2WJ32T-F
69
0.24
11.00
29
10 x 13.5
250
3.3
AEB335M2WK32T-F
99
0.24
7.00
41
10 x 16.5
200
4.7
AEB475M2WL32T-F
137
0.24
4.80
49
12.5 x 16.5
150
10.0
AEB106M2WR44T-F
280
0.24
3.00
310
18 x 16.5
125
22.0
AEB226M2WS44T-F
604
0.24
1.80
560
18 x 21.5
75
AEB
106
M
2C
J
32T
-F
Type Capacitance
Capacitance
Voltage Code
Case
Packaging
RoHS
105 = 1.0 µF
Tolerance
2C = 160 Vdc
2V = 350 Vdc
Code
Information
Compliant
106 = 10.0 µF
M = ±20%
2D = 200 Vdc
2G = 400 Vdc
32 = Carrier tape
107 = 100.0 µF
2E = 250 Vdc
2W = 450 Vdc
Width (mm)
T = Tape & Reel
B = bulk
SeetheAluminumSMTApplicationGuideforPackagingInformation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com