Electronic Components Datasheet Search
  English  ▼

X  

AEB Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # AEB
Description  Low Impedance and Long Life for High Voltage, High Ripple Current Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AEB Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  AEB Datasheet HTML 1Page - Cornell Dubilier Electronics AEB Datasheet HTML 2Page - Cornell Dubilier Electronics AEB Datasheet HTML 3Page - Cornell Dubilier Electronics AEB Datasheet HTML 4Page - Cornell Dubilier Electronics AEB Datasheet HTML 5Page - Cornell Dubilier Electronics AEB Datasheet HTML 6Page - Cornell Dubilier Electronics AEB Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Type AEB
SMT Aluminum Electrolytic Capacitors - High Voltage, 105 °C
Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Case
Code
Case Dia.
(mm)
A (mm)
B
(mm)
C
(mm)
J
10
4.0
4.5
2.0
K
10
4.0
4.5
2.0
L
12.5
4.0
5.7
2.0
P
16
6.0
6.5
2.5
U
16
6.0
6.5
2.5
R
18
6.0
7.5
2.5
S
18
6.0
7.5
2.5
120 seconds
230°C
20
sec.
Recommended Reflow Soldering Profile for AEB Series (10 to 18 mm dia.)
Time
Max. top surface temperature during reflow soldering
230°C
Maximum time at peak temperature
5 seconds
Maximum time at or above 200°C
20 seconds
Number of reflow processes
1
Terminal Material
copper clad iron
Vdc
Ripple Current Correction Factor vs Frequency
120 Hz
1kHz
10kHz to 30kHz 30kHz to 100kHz
160 to 250
0.55
0.85
0.90
1.00
350 to 450
0.50
0.80
0.90
1.00
Ripple Current Correction Factor
Recommended Land Pattern
A
C
B
B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com