Electronic Components Datasheet Search
  English  ▼

X  

AEB Datasheet(PDF) 7 Page - Cornell Dubilier Electronics

Part # AEB
Description  Low Impedance and Long Life for High Voltage, High Ripple Current Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AEB Datasheet(HTML) 7 Page - Cornell Dubilier Electronics

  AEB Datasheet HTML 1Page - Cornell Dubilier Electronics AEB Datasheet HTML 2Page - Cornell Dubilier Electronics AEB Datasheet HTML 3Page - Cornell Dubilier Electronics AEB Datasheet HTML 4Page - Cornell Dubilier Electronics AEB Datasheet HTML 5Page - Cornell Dubilier Electronics AEB Datasheet HTML 6Page - Cornell Dubilier Electronics AEB Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Type AEB
SMT Aluminum Electrolytic Capacitors - High Voltage, 105 °C
Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Notice and Disclaimer: Allproductdrawings,descriptions,specifications,statements,informationanddata
(collectively,the“Information”)inthisdatasheetorotherpublicationaresubjecttochange.Thecustomer
isresponsibleforchecking,confirmingandverifyingtheextenttowhichtheInformationcontainedinthis
datasheetorotherpublicationisapplicabletoanorderatthetimetheorderisplaced.AllInformationgiven
hereinisbelievedtobeaccurateandreliable,butitispresentedwithoutanyguarantee,warranty,representation
orresponsibilityofanykind,expressedorimplied.Statementsofsuitabilityforcertainapplicationsarebased
on the knowledge that the Cornell Dubilier company providing such statements(“Cornell Dubilier”) has
ofoperating conditions that such Cornell Dubilier company regards as typical for such applications, but
arenotintendedtoconstituteanyguarantee,warrantyorrepresentationregardinganysuchmatter–and
CornellDubilierspecificallyandexpresslydisclaimsanyguarantee,warrantyorrepresentationconcerning
the suitability for a specific customer application, use, storage, transportation, or operating environment.
TheInformationisintendedforuseonlybycustomerswhohavetherequisiteexperienceandcapabilityto
determinethecorrectproductsfortheirapplication.AnytechnicaladviceinferredfromthisInformationor
otherwiseprovidedbyCornellDubilierwithreferencetotheuseofanyCornellDubilierproductsisgiven
gratis(unlessotherwisespecifiedbyCornellDubilier),andCornellDubilierassumesnoobligationorliability
fortheadvicegivenorresultsobtained.AlthoughCornellDubilierstrivestoapplythemoststringentquality
andsafetystandardsregardingthedesignandmanufacturingofitsproducts,inlightofthecurrentstate
oftheart,isolatedcomponentfailuresmaystilloccur.Accordingly,customerapplicationswhichrequirea
highdegreeofreliabilityorsafetyshouldemploysuitabledesignsorothersafeguards(suchasinstallation
ofprotectivecircuitryorredundanciesorotherappropriateprotectivemeasures)inordertoensurethatthe
failureofanelectricalcomponentdoesnotresultinariskofpersonalinjuryorpropertydamage.Although
allproduct-relatedwarnings,cautionsandnotesmustbeobserved,thecustomershouldnotassumethatall
safetymeasuresareindicatedinsuchwarnings,cautionsandnotes,orthatothersafetymeasuresmaynotbe
required.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com