Electronic Components Datasheet Search
  English  ▼

X  

TUSB1044 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1044
Description  USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB1044 Datasheet HTML 1Page - Texas Instruments TUSB1044 Datasheet HTML 2Page - Texas Instruments TUSB1044 Datasheet HTML 3Page - Texas Instruments TUSB1044 Datasheet HTML 4Page - Texas Instruments TUSB1044 Datasheet HTML 5Page - Texas Instruments TUSB1044 Datasheet HTML 6Page - Texas Instruments TUSB1044 Datasheet HTML 7Page - Texas Instruments TUSB1044 Datasheet HTML 8Page - Texas Instruments TUSB1044 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
4
TUSB1044
SLLSF47B – FEBRUARY 2018 – REVISED APRIL 2018
www.ti.com
Product Folder Links: TUSB1044
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NO.
NAME
12
UTX2p
Diff I/O
Differential positive input/output for upstream facing TX2 port.
13
UTX2n
Diff I/O
Differential negative input/output for upstream facing TX2 port.
14
VIO_SEL
4 Level I/O
This pin selects I/O voltage levels for the 2-level GPIO configuration pins and the I2C interface:
0 = 3.3-V configuration I/O voltage, 3.3-V I2C interface (Default)
R = 3.3-V configuration I/O voltage, 1.8-V I2C interface
F = 1.8-V configuration I/O voltage, 3.3-V I2C interface
1 = 1.8-V configuration I/O voltage, 1.8-V I2C interface.
15
UTX1n
Diff I/O
Differential negative input/output for upstream facing TX1 port.
16
UTX1p
Diff I/O
Differential positive input/output for upstream facing TX1 port.
17
I2C_EN
4 Level I
I2C Programming or Pin Strap Programming Select.
0 = GPIO Mode, AUX Snoop Enabled (I2C disabled)
R = TI Test Mode (I2C enabled)
F = GPIO Mode, AUX Snoop Disabled (I2C disabled)
1 = I2C enabled.
18
URX1n
Diff I/O
Differential negative input/output for upstream facing RX1 port.
19
URX1p
Diff I/O
Differential positive input/output for upstream facing RX1 port.
20
VCC
P
3.3V Power Supply
21
FLIP/SCL
2 Level I
(Failsafe)
In GPIO mode, this is Flip control pin, otherwise this pin is I2C clock.
22
CTL0/SDA
2 Level I
(Failsafe)
In GPIO mode, this is a USB3.1 Switch control pin, otherwise this pin is I2C data.
23
CTL1
2 Level I
(PD)
DP Alt mode Switch Control Pin. In GPIO mode, this pin will enable or disable DisplayPort functionality.
Otherwise DisplayPort functionality is enabled and disabled through I2C registers.
L = DisplayPort Disabled.
H = DisplayPort Enabled.
In I2C Mode, this pin is not used by TUSB1044.
24
AUXp
I/O,
CMOS
AUXp. DisplayPort AUX positive I/O connected to the DisplayPort source or sink through an AC coupling
capacitor. In addition to AC coupling capacitor, this pin also requires a 100-kΩ resistor to GND between
the AC coupling capacitor and the AUXp pin if the TUSB1044 is used on the DisplayPort source side, or a
1-MΩ resistor to DP_PWR (3.3V) between the AC coupling capacitor and the AUXp pin if TUSB1044 is
used on the DisplayPort sink side. This pin along with AUXn is used by the TUSB1044 for AUX snooping
and is routed to SBU1/2 based on the orientation of the Type-C plug.
25
AUXn
I/O,
CMOS
AUXn. DisplayPort AUX I/O connected to the DisplayPort source or sink through an AC coupling
capacitor. In addition to AC coupling capacitor, this pin also requires a 100-kΩ resistor to DP_PWR (3.3V)
between the AC coupling capacitor and the AUXn pin if the TUSB1044 is used on the DisplayPort source
side, or a 1-MΩ resistor to GND between the AC coupling capacitor and the AUXn pin if TUSB1044 is
used on the DisplayPort sink side. This pin along with AUXp is used by the TUSB1044 for AUX snooping
and is routed to SBU1/2 based on the orientation of the Type-C plug.
26
SBU2
I/O,
CMOS
SBU2. When the TUSB1044 is used on the DisplayPort source side, this pin should be DC coupled to the
SBU2 pin of the Type-C receptacle. When the TUSB1044 is used on the DisplayPort sink side, this pin
should be DC coupled to the SBU1 pin of the Type-C receptacle. A 2-MΩ resistor to GND is also
recommended.
27
SBU1
I/O,
CMOS
SBU1. When the TTUSB1044 is used on the DisplayPort source side, this pin should be DC coupled to
the SBU1 pin of the Type-C receptacle. When the TUSB1044 is used on the DisplayPort sink side, this pin
should be DC coupled to the SBU2 pin of the Type-C receptacle. A 2-MΩ resistor to GND is also
recommended.
28
VCC
P
3.3V Power Supply
29
DEQ1
4 Level I
This pin along with DEQ0 sets the high-frequency equalizer gain for downstream facing DRX1, DRX2,
DTX1, DTX2 receivers.
30
DRX1p
Diff I/O
Differential positive input/output for downstream facing RX1 port.
31
DRX1n
Diff I/O
Differential negative input/output for downstream facing RX1 port.
32
HPDIN
2 Level I (PD)
This pin is an input for Hot Plug Detect received from DisplayPort sink. When HPDIN is low for greater
than 2ms, all DisplayPort lanes are disabled and AUX to SBU switch will remain closed. When HPDIN is
high, the enabled DisplayPort lanes from AUX snoop or registers will be active.
33
DTX1p
Diff I/O
Differential positive input/output for downstream facing TX1 port.
34
DTX1n
Diff I/O
Differential negative input/output for downstream facing TX1 port.
35
UEQ0/A0
4 Level I
This pin along with UEQ1 sets the high-frequency equalizer gain for upstream facing URX1, URX2, UTX1,
UTX2 receivers. In I2C mode, this pin will also set TUSB1044 I2C address. Refer to Table 9.
36
DTX2n
Diff I/O
Differential negative input/output for downstream facing TX2 port.
37
DTX2p
Diff I/O
Differential positive input/output for downstream facing TX2 port.
38
DEQ0
4 Level I
This pin along with DEQ1 sets the high-frequency equalizer gain for downstream facing URX1, URX2,
UTX1, UTX2 receivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com