Electronic Components Datasheet Search
  English  ▼

X  

TUSB1044 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1044
Description  USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB1044 Datasheet HTML 3Page - Texas Instruments TUSB1044 Datasheet HTML 4Page - Texas Instruments TUSB1044 Datasheet HTML 5Page - Texas Instruments TUSB1044 Datasheet HTML 6Page - Texas Instruments TUSB1044 Datasheet HTML 7Page - Texas Instruments TUSB1044 Datasheet HTML 8Page - Texas Instruments TUSB1044 Datasheet HTML 9Page - Texas Instruments TUSB1044 Datasheet HTML 10Page - Texas Instruments TUSB1044 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
7
TUSB1044
www.ti.com
SLLSF47B – FEBRUARY 2018 – REVISED APRIL 2018
Product Folder Links: TUSB1044
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.5 Electrical Characteristics
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power
PUSB-
ACTIVE
Average power when configured for USB
3.1 only mode.
Link in U0 with GEN2 data transmission;
EQ control pins = NC; K28.5 pattern at
10 Gbps; VID = 1000mVp-p; VOD
Linearity = 900mVp-p; CTL1 = L; CTL0 =
H
297
mW
PUSB-DP-
ACTIVE
Average power when configured for USB
3.1 and 2 lane DP.
Link in U0 with GEN2 data transmission
and DP active; EQ control pins = NC;
K28.5 pattern at 10 Gbps; VID =
1000mVp-p; VOD Linearity = 900mVp-p;
CTL1 = H; CTL0 = H
578
mW
PCUSTOM-
ACTIVE
Average power when configured for USB
3.1 and 2 channel custom alt mode.
Link in U0 with GEN2 data transmission
and custom alt mode active; EQ control
pins = NC; K28.5 pattern at 10 Gbps; VID
= 1000mVp-p; VOD Linearity = 900mVp-
p; CTL1 = H; CTL0 = H
578
mW
P4DP-
ACTIVE
Average power when configured for Four
DP lanes
Four active DP lanes; EQ control pins =
NC; K28.5 pattern at 10 Gbps; VID =
1000mVp-p; VOD Linearity = 900mVp-p;
CTL1 = H; CTL0 = L
564
mW
PUSB-NC
Average power when configured for
USB3.1 only and nothing connected to
TXP/N pins.
No USB device connected; CTL1 = L;
CTL0 = H
2.5
mW
PUSB-
U2U3
Average power when configured for
USB3.1 only and link in U2 or U3 state.
Link in U2 or U3 state; CTL1 = L; CTL0
= H
2
mW
PSHUTDO
WN
Average power when device in
Shutdown
CTL1 = L; CTL0 = L; I2C_EN = 0;
0.65
mW
4-State CMOS Inputs(UEQ[1:0];DEQ[1:0], CFG[1:0], A[1:0], I2C_EN, VIO_SEL)
IIH
High-level input current
VCC = 3.6 V; VIN = 3.6 V
20
80
µA
IIL
Low-level input current
VCC = 3.6 V; VIN = 0 V
-160
-40
µA
4-Level
VTH
Threshold 0 / R
VCC = 3.3 V
0.55
V
Threshold R/ Float
VCC = 3.3 V
1.65
V
Threshold Float / 1
VCC = 3.3 V
2.7
V
RPU
Internal pull up resistance
35
kΩ
RPD
Internal pull-down resistance
95
kΩ
2-State CMOS Input (CTL0, CTL1, FLIP, HPDIN, SLP_S0#, SWAP, DIR[1:0]).
VIH-3.3V
High-level input voltage
VCC = 3.3V; VIO_SEL = "0" or "R";
2
3.6
V
VIL-3.3V
Low-level input voltage
VCC = 3.3V; VIO_SEL = "0" or "R";
0
0.8
V
VIH-1.8V
High-level input voltage
VCC = 3.3V; VIO_SEL = "F" or "1";
1.2
3.6
V
VIL-1.8V
Low-level input voltage
VCC = 3.3V; VIO_SEL = "F" or "1";
0
0.4
V
RPD_CTL1 Internal pull-down resistance for CTL1
500
kΩ
RPD_HPDI
N
Internal pull-down resistance for HPDIN
500
kΩ
IIH
High-level input current
VIN = 3.6 V
-25
25
µA
IIL
Low-level input current
VIN = GND, VCC = 3.6 V
-25
25
µA
I2C Control Pins SCL, SDA
VIH-3.3V
High-level input voltage
VCC = 3.3V; VIO_SEL = "0" or "R"; I2C
Mode Enabled;
2
3.6
V
VIL-3.3V
Low-level input voltage
VCC = 3.3V; VIO_SEL = "0" or "R"; I2C
Mode Enabled;
0
0.8
V
VIH-1.8V
High-level input voltage
VCC = 3.3V; VIO_SEL = "F" or "1"; I2C
Mode Enabled;
1.2
3.6
V
VIL-1.8V
Low-level input voltage
VCC = 3.3V; VIO_SEL = "F" or "1"; I2C
Mode Enabled;
0
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com