Electronic Components Datasheet Search
  English  ▼

X  

HMC998A Datasheet(PDF) 11 Page - Analog Devices

Part # HMC998A
Description  GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC998A Datasheet(HTML) 11 Page - Analog Devices

Back Button HMC998A Datasheet HTML 7Page - Analog Devices HMC998A Datasheet HTML 8Page - Analog Devices HMC998A Datasheet HTML 9Page - Analog Devices HMC998A Datasheet HTML 10Page - Analog Devices HMC998A Datasheet HTML 11Page - Analog Devices HMC998A Datasheet HTML 12Page - Analog Devices HMC998A Datasheet HTML 13Page - Analog Devices HMC998A Datasheet HTML 14Page - Analog Devices HMC998A Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
HMC998A
v02.0218
GaAs pHEMT MMIC
2 WATT POWER AMPLIFIER, DC - 22 GHz
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Absolute Maximum Ratings
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Outline Drawing
NOTES:
1. ALL DIMENSIONS IN INCHES [MILLIMETERS]
2. DIE THICKNESS IS 0.004 (0.100)
3. TYPICAL BOND PAD IS 0.0031 (0.079) SQUARE
4. RF PADS ARE 0.0039 (0.098) X 0.0076 (0.193)
5. BOND PAD METALIZATION: GOLD
6. BACKSIDE METALLIZATION: GOLD
7. BACKSIDE METAL IS GROUND
8. NO CONNECTION REQUIRED FOR UNLABELED BOND PADS
9. OVERALL DIE SIZE IS ±.002
Die Packaging Information [1]
Standard
Alternate
GP-1 (Gel Pack)
[2]
[1] Refer to the “Packaging Information” section on our
website for die packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
Drain Bias Voltage (Vdd)
16V
Gate Bias Voltage (Vgg1)
-3 to 0 Vdc
RF Input Power (RFIN)
27 dBm
Output Load VSWR
7:1
Continuous Pdiss (T= 85 °C)
(derate 113.6 mW/°C above 85 °C)
8.8W
Storage Temperature
-65 to 150 °C
Operating Temperature
-55 to 85 °C
ESD Sensitivity (HBM)
Passed 250V Class1A
Channel Temperature
175 °C
Nominal Channel Temperature
(T=85 °C, Vdd = 15V)
161.5 °C
Thermal Resistance
(channel to die bottom)
10.2 °C/W
Reliability Information
Stresses at or above those listed in the Absolute Maximum
Ratings may cause permanent damage to the product. This
is a stress rating only, functional operation of the product
at these or any other conditions above those indicated in
the operational section of this specification is not implied.
Operation beyond the maximum operating condition for
extended periods may affect product reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com