Electronic Components Datasheet Search
  English  ▼

X  

HMC998A Datasheet(PDF) 3 Page - Analog Devices

Part # HMC998A
Description  GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC998A Datasheet(HTML) 3 Page - Analog Devices

  HMC998A Datasheet HTML 1Page - Analog Devices HMC998A Datasheet HTML 2Page - Analog Devices HMC998A Datasheet HTML 3Page - Analog Devices HMC998A Datasheet HTML 4Page - Analog Devices HMC998A Datasheet HTML 5Page - Analog Devices HMC998A Datasheet HTML 6Page - Analog Devices HMC998A Datasheet HTML 7Page - Analog Devices HMC998A Datasheet HTML 8Page - Analog Devices HMC998A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
HMC998A
v02.0218
GaAs pHEMT MMIC
2 WATT POWER AMPLIFIER, DC - 22 GHz
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Reverse Isolation vs. Temperature
Output Return Loss vs. Temperature
Input Return Loss vs. Vdd
Input Return Loss vs. Idd
Output Return Loss vs. Vdd
Output Return Loss vs. Idd
-20
-15
-10
-5
0
0
2
4
6
8
10
12
14
16
18
20
22
+11V
+12V
+13V
+14V
+15V
FREQUENCY (GHz)
-20
-15
-10
-5
0
0
2
4
6
8
10
12
14
16
18
20
22
350mA
400mA
450mA
500mA
FREQUENCY (GHz)
-20
-15
-10
-5
0
0
2
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-55C
FREQUENCY (GHz)
-20
-15
-10
-5
0
0
2
4
6
8
10
12
14
16
18
20
22
+11V
+12V
+13V
+14V
+15V
FREQUENCY (GHz)
-20
-15
-10
-5
0
0
2
4
6
8
10
12
14
16
18
20
22
350mA
400mA
450mA
500mA
FREQUENCY (GHz)
-80
-70
-60
-50
-40
-30
-20
-10
0
0
5
10
15
20
25
30
+25C
+85C
-55C
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com