Electronic Components Datasheet Search
  English  ▼

X  

HMC998A Datasheet(PDF) 13 Page - Analog Devices

Part # HMC998A
Description  GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC998A Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC998A Datasheet HTML 8Page - Analog Devices HMC998A Datasheet HTML 9Page - Analog Devices HMC998A Datasheet HTML 10Page - Analog Devices HMC998A Datasheet HTML 11Page - Analog Devices HMC998A Datasheet HTML 12Page - Analog Devices HMC998A Datasheet HTML 13Page - Analog Devices HMC998A Datasheet HTML 14Page - Analog Devices HMC998A Datasheet HTML 15Page - Analog Devices HMC998A Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
HMC998A
v02.0218
GaAs pHEMT MMIC
2 WATT POWER AMPLIFIER, DC - 22 GHz
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Application Circuit
NOTE 1: Drain Bias (Vdd) must be applied through a broadband bias tee
having low series resistance and capable of providing 1000 mA.
NOTE 2: Optional capacitors to be used if part is operated below 200 MHz.
NOTE 3: Optional capacitors to be used if external VGG2 is applied. Typical operation has VGG2 set
internal to IC. Setting VGG2 to 9.5V externally can improve thermal resistace and will require
capacitors as shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com