Electronic Components Datasheet Search
  English  ▼

X  

ISL5761/2IBZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL5761/2IBZ
Description  10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL5761/2IBZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL5761/2IBZ Datasheet HTML 1Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 2Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 3Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 4Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 5Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ISL5761
FN6009 Rev 4.00
Page 5 of 14
Sep 15, 2015
Spurious Free Dynamic Range,
SFDR to Nyquist (fCLK/2)
fCLK = 210MSPS, fOUT = 80.8MHz (Notes 4, 7)
-
50
-
dBc
fCLK = 210MSPS, fOUT = 40.4MHz (Notes 4, 7, 9)
-
58
-
dBc
fCLK = 200MSPS, fOUT = 20.2MHz, T = 25oC (Notes 4, 7)
58
60
-
dBc
fCLK = 200MSPS, fOUT = 20.2MHz, T = -40oC to 85oC (Notes 4, 7)
56
-
-
dBc
fCLK = 130MSPS, fOUT = 50.5MHz (Notes 4, 7)
-
55
-
dBc
fCLK = 130MSPS, fOUT = 40.4MHz (Notes 4, 7)
-
60
-
dBc
fCLK = 130MSPS, fOUT = 20.2MHz (Notes 4, 7)
-
68
-
dBc
fCLK = 130MSPS, fOUT = 10.1MHz (Notes 4, 7)
-
70
-
dBc
fCLK = 130MSPS, fOUT = 5.05MHz, T = 25oC (Notes 4, 7)
68
75
-
dBc
fCLK = 130MSPS, fOUT = 5.05MHz, T = -40oC to 85oC (Notes 4, 7)
66
-
-
dBc
fCLK = 100MSPS, fOUT = 40.4MHz (Notes 4, 7)
-
58
-
dBc
fCLK = 80MSPS, fOUT = 30.3MHz (Notes 4, 7)
-
61
-
dBc
fCLK = 80MSPS, fOUT = 20.2MHz (Notes 4, 7)
-
67
-
dBc
fCLK = 80MSPS, fOUT = 10.1MHz (Notes 4, 7, 9)
-
69
-
dBc
fCLK = 80MSPS, fOUT = 5.05MHz (Notes 4, 7)
-
74
-
dBc
fCLK = 50MSPS, fOUT = 20.2MHz (Notes 4, 7)
-
66
-
dBc
fCLK = 50MSPS, fOUT = 10.1MHz (Notes 4, 7)
-
72
-
dBc
fCLK = 50MSPS, fOUT = 5.05MHz (Notes 4, 7)
-
75
-
dBc
Spurious Free Dynamic Range,
SFDR in a Window with Eight Tones
fCLK = 210MSPS, fOUT = 28.3MHz to 45.2MHz, 2.1MHz Spacing,
50MHz Span (Notes 4, 7, 9)
-63
-
dBc
fCLK = 130MSPS, fOUT =17.5MHz to 27.9MHz, 1.3MHz Spacing,
35MHz Span (Notes 4, 7)
-66
-
dBc
fCLK = 80MSPS, fOUT = 10.8MHz to 17.2MHz, 811kHz Spacing,
15MHz Span (Notes 4, 7)
-73
-
dBc
fCLK = 50MSPS, fOUT = 6.7MHz to 10.8MHz, 490kHz Spacing,
10MHz Span (Notes 4, 7)
-75
-
dBc
Spurious Free Dynamic Range,
SFDR in a Window with EDGE or GSM
fCLK = 78MSPS, fOUT = 11MHz, in a 20MHz Window, RBW=30kHz
(Notes 4, 7, 9)
-83
-
dBc
Adjacent Channel Power Ratio,
ACPR with UMTS
fCLK = 76.8MSPS, fOUT = 19.2MHz, RBW=30kHz (Notes 4, 7, 9)
-
65
-
dB
VOLTAGE REFERENCE
Internal Reference Voltage, VFSADJ
Pin 18 Voltage with Internal Reference
1.2
1.23
1.3
V
Internal Reference Voltage Drift
-
40
-
ppm/oC
Internal Reference Output Current
Sink/Source Capability
Reference is not intended to be externally loaded (REFIO pin)
-
0
-
A
Reference Input Impedance
-1
-
M
Reference Input Multiplying Bandwidth (Note 7)
-
1.0
-
MHz
DIGITAL INPUTS D9-D0, CLK
Input Logic High Voltage with
3.3V Supply, VIH
(Note 3)
2.3
3.3
-
V
Input Logic Low Voltage with
3.3V Supply, VIL
(Note 3)
-
0
1.0
V
Sleep Input Current, IIH
-25
-
+25
A
Electrical Specifications
AVDD = DVDD = +3.3V, VREF = Internal 1.2V, IOUTFS = 20mA, TA = 25oC for All Typical Values (Continued)
PARAMETER
TEST CONDITIONS
TA = -40oC TO 85oC
UNITS
MIN
TYP
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com