Electronic Components Datasheet Search
  English  ▼

X  

ISL5761/2IBZ Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL5761/2IBZ
Description  10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL5761/2IBZ Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL5761/2IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 9Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 10Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 11Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 12Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 13Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ISL5761
FN6009 Rev 4.00
Page 11 of 14
Sep 15, 2015
Propagation Delay
The converter requires two clock rising edges for data to be
represented at the output. Each rising edge of the clock
captures the present data word and outputs the previous data.
The propagation delay is therefore 1/CLK, plus <2ns of
processing. See Figure 15.
Test Service
Intersil offers customer-specific testing of converters with a
service called Testdrive. To submit a request, fill out the
Testdrive form. The form can be found by doing an ‘entire site
search’ at www.intersil.com on the words ‘DAC Testdrive’. Or,
send a request to the technical support center.
FIGURE 13. OUTPUT LOADING FOR DATASHEET
MEASUREMENTS
PIN 21
PIN 22
RDIFF
ISL5761
RLOAD
IOUTB
IOUTA
VOUT = (2 x IOUTA x REQ)V
LOAD SEEN BY THE TRANSFORMER
RLOAD REPRESENTS THE
1:1
REQ = 0.5 x (RLOAD // RDIFF)
AT EACH OUTPUT
FIGURE 14. ALTERNATIVE OUTPUT LOADING
PIN 21
PIN 22
ISL5761
IOUTB
IOUTA
VOUT = (2 x IOUTA x REQ)V
REQ = 0.5 x (RLOAD // RDIFF// RA), WHERE RA=RB
AT EACH OUTPUT
RLOAD
RDIFF
RA
RB
LOAD SEEN BY THE TRANSFORMER
RLOAD REPRESENTS THE
Timing Diagram
FIGURE 15. PROPAGATION DELAY, SETUP TIME, HOLD TIME AND MINIMUM PULSE WIDTH DIAGRAM
CLK
IOUT
50%
tPW1
tPW2
tSU
tHLD
tSU
tSU
tPD
tHLD
tHLD
D9-D0
W0
W1
W2
W3
OUTPUT=W0
OUTPUT=W1
tPD
OUTPUT=W-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com