Electronic Components Datasheet Search
  English  ▼

X  

ISL5761/2IBZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL5761/2IBZ
Description  10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL5761/2IBZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL5761/2IBZ Datasheet HTML 1Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 2Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 3Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 4Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 5Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FN6009 Rev 4.00
Page 1 of 14
Sep 15, 2015
FN6009
Rev 4.00
Sep 15, 2015
ISL5761
10-bit, +3.3V, 130/210+MSPS, High Speed D/A Converter
DATASHEET
The ISL5761 is a 10-bit, 130/210+MSPS (Mega Samples
Per Second), CMOS, high speed, low power, D/A (digital to
analog) converter, designed specifically for use in high
performance communication systems such as base
transceiver stations utilizing 2.5G or 3G cellular protocols.
This device complements the ISL5x61 family of high speed
converters, which include 10, 12, and 14-bit devices.
Features
• Speed Grades . . . . . . . . . . . . . . . . 130M and 210+MSPS
• Low Power . . . . . 103mW with 20mA Output at 130MSPS
• Adjustable Full Scale Output Current. . . . . 2mA to 20mA
• +3.3V Power Supply
• 3V LVCMOS Compatible Inputs
• Excellent Spurious Free Dynamic Range
(71dBc to Nyquist, fS = 130MSPS, fOUT = 10MHz)
• UMTS Adjacent Channel Power = 65dB at 19.2MHz
• EDGE/GSM SFDR = 83dBc at 11MHz in 20MHz Window
• Pin compatible, 3.3V, Lower Power Replacement For The
AD9750 and HI5760
• Pb-free available
Applications
• Cellular Infrastructure - Single or Multi-Carrier: IS-136, IS-
95, GSM, EDGE, CDMA2000, WCDMA, TDS-CDMA
• BWA Infrastructure
• Medical/Test Instrumentation
• Wireless Communication Systems
• High Resolution Imaging Systems
• Arbitrary Waveform Generators
Pinout
ISL5761
TOP VIEW
Ordering Information
PART
NUMBER
(See Note)
TEMP.
RANGE
(oC)
PACKAGE
(RoHS
Compliant)
PKG.
DWG. #
CLOCK
SPEED
ISL5761IBZ
(No longer
available,
recommended
replacement:
ISL5761IAZ)
-40 to 85 28 Ld SOIC
M28.3
130MHz
ISL5761IAZ
-40 to 85 28 Ld TSSOP M28.173 130MHz
ISL5761/2IBZ
(No longer
available,
recommended
replacement:
ISL5761/2IAZ)
-40 to 85 28 Ld SOIC
M28.3
210MHz
ISL5761/2IAZ
-40 to 85 28 Ld TSSOP M28.173 210MHz
ISL5761EVAL1
25
SOIC Evaluation Platform 210MHz
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
28
27
26
25
24
23
22
21
20
19
18
17
16
15
D9 (MSB)
D8
D7
D6
D5
D4
D3
D2
D1
D0 (LSB)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
CLK
DCOM
NC
AVDD
COMP
IOUTB
NC
FSADJ
REFIO
REFLO
SLEEP
DVDD
IOUTA
ACOM
DCOM
DCOM
DCOM
DCOM


Similar Part No. - ISL5761/2IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5761/2IBZ INTERSIL-ISL5761/2IBZ Datasheet
641Kb / 13P
10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
August 2004
More results

Similar Description - ISL5761/2IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5961 INTERSIL-ISL5961_04 Datasheet
682Kb / 13P
14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
August 2004
ISL5861 INTERSIL-ISL5861_04 Datasheet
686Kb / 13P
12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
August 2004
ISL5761 INTERSIL-ISL5761_04 Datasheet
641Kb / 13P
10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
August 2004
ISL5761IBZ INTERSIL-ISL5761IBZ Datasheet
636Kb / 14P
10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
September 15, 2015
ISL5861IBZ INTERSIL-ISL5861IBZ Datasheet
667Kb / 14P
12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
October 7, 2015
ISL5961IBZ INTERSIL-ISL5961IBZ Datasheet
664Kb / 14P
14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
October 7, 2015
logo
Renesas Technology Corp
ISL5829 RENESAS-ISL5829 Datasheet
915Kb / 13P
Dual 12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5729 RENESAS-ISL5729 Datasheet
932Kb / 13P
Dual 10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5861 RENESAS-ISL5861 Datasheet
950Kb / 14P
12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5961 RENESAS-ISL5961 Datasheet
966Kb / 14P
14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com