Electronic Components Datasheet Search
  English  ▼

X  

THA Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # THA
Description  High Energy Density, REACH and RoHS Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

THA Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  THA Datasheet HTML 1Page - Cornell Dubilier Electronics THA Datasheet HTML 2Page - Cornell Dubilier Electronics THA Datasheet HTML 3Page - Cornell Dubilier Electronics THA Datasheet HTML 4Page - Cornell Dubilier Electronics THA Datasheet HTML 5Page - Cornell Dubilier Electronics THA Datasheet HTML 6Page - Cornell Dubilier Electronics THA Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Part Numbering System
Outline Drawing
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
THA
412
M
025
AA
0
C
Type
Capacitance Tolerance Rated Voltage
Case Code
Insulation
Mounting Style
THA
322 =3200 µF
222 = 2200 µF
162 = 1600 µF
M=±20% 025 = 25 Vdc
075 = 75 Vdc
150 = 150 Vdc
200 = 200 Vdc
AA = 36.4 mm
AB = 45.9 mm
AC = 53.8 mm
AD = 66.5 mm
0 = bare can
1 = polywrap
C = two leads
L±0.5 mm
30mm Min
24.2mm±0.3 mm
10mm
2mm Max
8.2mm±0.3 mm
0.82mm DIA 20 AWG LEADS (TYP)
Type THA,ThinPack, Aluminum Electrolytic Capacitor, 85 ºC
Style C: No Tabs
Note: The polyester tape wrap may add up to 0.020 inches to the thickness and width of the capacitor.
10 mm ±0.25 mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com