Electronic Components Datasheet Search
  English  ▼

X  

THA Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # THA
Description  High Energy Density, REACH and RoHS Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

THA Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  THA Datasheet HTML 1Page - Cornell Dubilier Electronics THA Datasheet HTML 2Page - Cornell Dubilier Electronics THA Datasheet HTML 3Page - Cornell Dubilier Electronics THA Datasheet HTML 4Page - Cornell Dubilier Electronics THA Datasheet HTML 5Page - Cornell Dubilier Electronics THA Datasheet HTML 6Page - Cornell Dubilier Electronics THA Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Ratings
Voltage
Cap (µF)
Catalog Part Number
Length
ESR max
25 °C (Ω)
120 Hz
20 kHz
Ripple (A)
Ambient @ 65°C
120 Hz
20 kHz
10 Vdc @ 85 °C
12 Vdc Surge @ 25 °C
8500
THA852M010AA0C
36.4
0.12
0.09
1.90
2.09
11000
THA113M010AB0C
45.9
0.08
0.07
1.90
2.09
14000
THA143M010AC0C
53.8
0.07
0.06
2.50
2.75
18000
THA183M010AD0C
66.5
0.05
0.04
3.30
3.63
16 Vdc @ 85 °C
19.2 Vdc Surge @ 25 °C
6300
THA632M016AA0C
36.4
0.12
0.09
1.90
2.09
8700
THA872M016AB0C
45.9
0.08
0.07
2.10
2.31
10000
THA103M016AC0C
53.8
0.07
0.06
2.50
2.75
13000
THA133M016AD0C
66.5
0.05
0.04
3.30
3.63
20 Vdc @ 85 °C
24 Vdc Surge @ 25 °C
5000
THA502M020AA0C
36.4
0.12
0.09
1.90
2.09
7000
THA702M020AB0C
45.9
0.08
0.07
2.10
2.31
8600
THA862M020AC0C
53.8
0.07
0.06
2.50
2.75
11000
THA113M020AD0C
66.5
0.05
0.04
3.30
3.63
25 Vdc @ 85 °C
30 Vdc Surge @ 25 °C
4100
THA412M025AA0C
36.4
0.12
0.09
1.90
2.09
5700
THA572M025AB0C
45.9
0.08
0.07
2.40
2.64
7000
THA702M025AC0C
53.8
0.07
0.06
2.50
2.75
9000
THA902M025AD0C
66.5
0.05
0.04
3.30
3.30
30 Vdc @ 85 °C
36 Vdc Surge @ 25 °C
3300
THA332M030AA0C
36.4
0.12
0.09
1.90
2.09
4600
THA462M030AB0C
45.9
0.08
0.07
2.40
2.64
5700
THA572M030AC0C
53.8
0.07
0.06
2.80
3.08
7400
THA742M030AD0C
66.5
0.05
0.04
3.30
3.63
35 Vdc @ 85 °C
42 Vdc Surge @ 25 °C
2600
THA262M035AA0C
36.4
0.12
0.09
1.90
2.09
3600
THA362M035AB0C
45.9
0.08
0.07
2.40
2.64
4400
THA442M035AC0C
53.8
0.07
0.06
2.80
3.08
5800
THA582M035AD0C
66.5
0.05
0.04
3.50
3.85
40 Vdc @ 85 °C
48 Vdc Surge @ 25 °C
2300
THA232M040AA0C
36.4
0.12
0.09
1.70
2.04
3200
THA322M040AB0C
45.9
0.08
0.07
2.20
2.64
4000
THA402M040AC0C
53.8
0.07
0.06
2.50
3.00
5200
THA522M040AD0C
66.5
0.05
0.04
3.00
3.60
50 Vdc @ 85 °C
60 Vdc Surge @ 25 °C
1600
THA162M050AA0C
36.4
0.12
0.09
1.70
2.04
2200
THA222M050AB0C
45.9
0.08
0.07
2.20
2.64
2700
THA272M050AC0C
53.8
0.07
0.06
2.50
3.00
3500
THA352M050AD0C
66.5
0.05
0.04
2.90
3.48
60 Vdc @ 85 °C
72 Vdc Surge @ 25 °C
1300
THA132M060AA0C
36.4
0.12
0.09
1.70
2.04
1800
THA182M060AB0C
45.9
0.08
0.07
2.20
2.64
2300
THA232M060AC0C
53.8
0.07
0.06
2.50
3.00
3000
THA302M060AD0C
66.5
0.05
0.04
3.30
3.96
75 Vdc @ 85 °C
90 Vdc Surge @ 25 °C
730
THA731M075AA0C
36.4
0.29
0.19
1.10
1.43
1000
THA102M075AB0C
45.9
0.21
0.14
1.40
1.82
1200
THA122M075AC0C
53.8
0.17
0.11
1.60
2.08
1600
THA162M075AD0C
66.5
0.13
0.09
2.00
2.60
100 Vdc @ 85 °C
120 Vdc Surge @ 25 °C
580
THA581M100AA0C
36.4
0.29
0.19
1.10
1.43
800
THA801M100AB0C
45.9
0.21
0.14
1.40
1.82
980
THA981M100AC0C
53.8
0.17
0.11
1.60
2.08
1200
THA122M100AD0C
66.5
0.13
0.09
2.00
2.60
Type THA,ThinPack, Aluminum Electrolytic Capacitor, 85 ºC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com