Electronic Components Datasheet Search
  English  ▼

X  

THA Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # THA
Description  High Energy Density, REACH and RoHS Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

THA Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  THA Datasheet HTML 1Page - Cornell Dubilier Electronics THA Datasheet HTML 2Page - Cornell Dubilier Electronics THA Datasheet HTML 3Page - Cornell Dubilier Electronics THA Datasheet HTML 4Page - Cornell Dubilier Electronics THA Datasheet HTML 5Page - Cornell Dubilier Electronics THA Datasheet HTML 6Page - Cornell Dubilier Electronics THA Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Specifications
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type THA,ThinPack, Aluminum Electrolytic Capacitor, 85 ºC
Highlights
- 8.2 mm profile
- Very high energy density (up to 1.1 J/cc)
- 3000 hr life @ 85 ºC
- REACH and RoHS Compliant
Temperature Range
–55 °C to +85 °C ≤300 Vdc; -40 ºC to 85 ºC ≥350 Vdc
Rated Voltage Range
10 Vdc to 450 Vdc
Capacitance Range
60 µF to 18000 µF
Capacitance Tolerance
±20%
Leakage Current
≤ 0.002 CV µA, @ 25 °C and 5 mins. at rated voltage
Ripple Current Multipliers
Low Temperature Characteristics
Impedance ratio: Z
–55 ⁰C ∕ Z+25 ⁰C @120 Hz ≤10 (5 - 20 Vdc), ≤3 (25 - 300 Vdc)
Z
-40 ºC/Z +25 ºC @120 Hz ≤10 (≥350 Vdc)
DC Life Test
3000 h @ rated voltage at 85 °C
∆ Capacitance ±20% (<50 Vdc)
∆ Capacitance ±10% (≥50 Vdc)
ESR 200% of limit
DCL 100% of limit
Shelf Life Test
5 yrs @ 40 ºC
Capacitance 100% of limit
ESR 100% of limit
DCL ≤ 0.004 CV μA
Ambient Temperature Multipliers
Temp
45
55
65
75
85
0-300 VDC
1.30
1.25
1.00
0.70
0.20
301-450 VDC
1.15
1.10
1.00
0.60
0.20
Frequency Multipliers
Rated Vdc/Freq
50
60
120
360
1000
5000
20000
10-35
0.72
0.77
1.00
1.06
1.06
1.10
1.10
36-60
0.70
0.75
1.00
1.06
1.10
1.20
1.20
61-100
0.70
0.75
1.00
1.06
1.10
1.30
1.30
101-300
0.70
0.75
1.00
1.20
1.45
1.70
1.70
301-450
0.70
0.75
1.00
1.20
1.45
1.80
1.80
At 8.2 mm thin, type THA Thinpack offers the highest energy density
available in a low profile aluminum electrolytic. It’s ideal for the lowest
profile circuits where high capacitance is needed for bulk storage.
Look to type THA to replace arrays of SMT solid tantalum or aluminum
electrolytic capacitors.
High Energy Density, REACH and RoHS Compliant
Ambient Air Temperature Multipliers (No heat sink)
Air Velocity m/sec
0.25
1.00
2.50
5.00
Ripple Current Multiplier
1.00
1.20
1.40
1.50


Similar Part No. - THA

ManufacturerPart #DatasheetDescription
logo
SUN HOLD ELECTRIC INC
THA SUNHOLD-THA Datasheet
665Kb / 2P
THA SERIES
THA-12 SUNHOLD-THA-12 Datasheet
665Kb / 2P
THA SERIES
THA-12-L SUNHOLD-THA-12-L Datasheet
665Kb / 2P
THA SERIES
THA-24 SUNHOLD-THA-24 Datasheet
665Kb / 2P
THA SERIES
THA-24-L SUNHOLD-THA-24-L Datasheet
665Kb / 2P
THA SERIES
More results

Similar Description - THA

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE330-24 PASTERNACK-PE330-24 Datasheet
356Kb / 5P
ROHS and REACH Compliant
PE330-36 PASTERNACK-PE330-36 Datasheet
356Kb / 5P
ROHS and REACH Compliant
PE330-200CM PASTERNACK-PE330-200CM Datasheet
356Kb / 5P
ROHS and REACH Compliant
PE331-50CM PASTERNACK-PE331-50CM Datasheet
358Kb / 5P
ROHS and REACH Compliant
PE331-200CM PASTERNACK-PE331-200CM Datasheet
358Kb / 5P
ROHS and REACH Compliant
PE332-12 PASTERNACK-PE332-12 Datasheet
357Kb / 5P
ROHS and REACH Compliant
PE332-100CM PASTERNACK-PE332-100CM Datasheet
357Kb / 5P
ROHS and REACH Compliant
PE332-200CM PASTERNACK-PE332-200CM Datasheet
357Kb / 5P
ROHS and REACH Compliant
PE333-24 PASTERNACK-PE333-24 Datasheet
478Kb / 5P
ROHS and REACH Compliant
logo
Cornell Dubilier Electr...
THAS CDE-THAS Datasheet
360Kb / 7P
High Energy Density, REACH and RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com