Electronic Components Datasheet Search
  English  ▼

X  

U6359B Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # U6359B
Description  Frequency Synthesizer for TV Tuner
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U6359B Datasheet(HTML) 1 Page - TEMIC Semiconductors

  U6359B Datasheet HTML 1Page - TEMIC Semiconductors U6359B Datasheet HTML 2Page - TEMIC Semiconductors U6359B Datasheet HTML 3Page - TEMIC Semiconductors U6359B Datasheet HTML 4Page - TEMIC Semiconductors U6359B Datasheet HTML 5Page - TEMIC Semiconductors U6359B Datasheet HTML 6Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
U6359B
TELEFUNKEN Semiconductors
Rev. A1, 18-Sep-96
1 (6)
Frequency Synthesizer for TV Tuner
Description
The U6359B is a single chip PLL frequency synthesizer
with 3-wire bus control. This IC contains an integrated
preamplifier, a high frequency prescaler, a reference
frequency divider, a crystal oscillator, a phase/frequency
detector together with a charge pump, a tuning voltage
amplifier and 4 output ports.
Features
D Integrated prescaler ÷ 8 with preamplifier
D Input frequency maximum 1024 MHz
D Tuning frequency steps 62.5 kHz
D 14-bit programmable counter
D Reference oscillator with 4 MHz crystal
and
÷ 512 counter
D Phase detector (reference frequency 7.8125 kHz)
D 4 programmable port driver
D Lock output
D Microcomputer controlled via 3-wire bus
D SO20 package
Block Diagram
Shiftregister / latch
18 bit
Port driver
Format
control
14
13
12
11
Phase
14 Bit counter
Charge
pump
1/8
3
2
4
15
17
1/8
Oscillator
20
7
6
5
8
16
10
9
18
1
19
Enable
Data
Clock
RFi
Crystal
Lock
V
S (I
2
L)
GND (ECL)
PD
VD
V
S (ECL)
Test 1
Test 2
Port 1...4
12596
GND (I2L)
Detector
1/64
Figure 1. Block diagram
Ordering Information
Extended Type Number
Package
Remarks
U6359B-BFLG3
SO20 plastic package
Taped and reeled


Similar Part No. - U6359B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U635H16 ETC1-U635H16 Datasheet
137Kb / 14P
PowerStore 2K x 8 nvSRAM
logo
Simtek Corporation
U635H16 SIMTEK-U635H16 Datasheet
137Kb / 14P
PowerStore 2K x 8 nvSRAM
U635H16DC25 SIMTEK-U635H16DC25 Datasheet
137Kb / 14P
PowerStore 2K x 8 nvSRAM
U635H16DC25G1 SIMTEK-U635H16DC25G1 Datasheet
137Kb / 14P
PowerStore 2K x 8 nvSRAM
U635H16DC35 SIMTEK-U635H16DC35 Datasheet
137Kb / 14P
PowerStore 2K x 8 nvSRAM
More results

Similar Description - U6359B

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1677 NTE-NTE1677 Datasheet
22Kb / 2P
Integrated Circuit Frequency Synthesizer for TV/CATV
logo
Toshiba Semiconductor
TD6358P TOSHIBA-TD6358P Datasheet
510Kb / 15P
FREQUENCY SYNTHESIZER FOR TV/CATV
TD6359P TOSHIBA-TD6359P Datasheet
506Kb / 15P
FREQUENCY SYNTHESIZER FOR TV/CATV
TD63809 TOSHIBA-TD63809 Datasheet
533Kb / 15P
FREQUENCY SYNTHESIZER FOR TV/CATV
TD6380P TOSHIBA-TD6380P Datasheet
566Kb / 16P
FREQUENCY SYNTHESIZER FOR TV/CATV
TD7626F TOSHIBA-TD7626F Datasheet
459Kb / 14P
2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV
logo
New Japan Radio
NJW1503A NJRC-NJW1503A Datasheet
110Kb / 9P
PLL Synthesizer with 3-Wire Bus for TV Tuner
NJW1504 NJRC-NJW1504 Datasheet
135Kb / 10P
PLL Synthesizer with IC Bus for TV Tuner
logo
TEMIC Semiconductors
U2733B-C TEMIC-U2733B-C Datasheet
161Kb / 14P
Fractional-N Frequency Synthesizer for DAB Tuner
logo
Toshiba Semiconductor
TD7626F TOSHIBA-TD7626F_01 Datasheet
220Kb / 14P
2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com