Electronic Components Datasheet Search
  English  ▼

X  

U6359B Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # U6359B
Description  Frequency Synthesizer for TV Tuner
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U6359B Datasheet(HTML) 4 Page - TEMIC Semiconductors

  U6359B Datasheet HTML 1Page - TEMIC Semiconductors U6359B Datasheet HTML 2Page - TEMIC Semiconductors U6359B Datasheet HTML 3Page - TEMIC Semiconductors U6359B Datasheet HTML 4Page - TEMIC Semiconductors U6359B Datasheet HTML 5Page - TEMIC Semiconductors U6359B Datasheet HTML 6Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U6359B
TELEFUNKEN Semiconductors
Rev. A1, 18-Sep-96
4 (6)
Bus Timing
Parameters
Symbol
Min.
Typ.
Max.
Set up time
ts
2
ms
Enable, hold time
tSL
2
ms
Clock ‘H’-pulse width
tC
2
ms
Enable set up time
tL
10
ms
Data hold time
tH
2
ms
LBS
Data
Clock
Enable
t
t
S
t
C
t
H
t
SL
12598
L
Figure 4.
Application Circuit
11 12 13 14 20
5, 18
Port 1
2
3
4
5 k
W
1, 8, 16
9
10
PD out
VD
22 k
W
470 nF
20 k
W
33 V
100 nF
319
4
5 k
W 5 kW
2
5 k
W
17
15
f
osc
Tuner
f
osc
f
i
f
IF
10 k
W
10 k
W
10 k
W
12 V
5 V
Lock O/P
4
MHz
33 pF
33 pF
Data
Enable
5 V
Clock
12599
U6359B
Figure 5. Application circuit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com