Electronic Components Datasheet Search
  English  ▼

X  

U6359B Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part # U6359B
Description  Frequency Synthesizer for TV Tuner
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U6359B Datasheet(HTML) 5 Page - TEMIC Semiconductors

  U6359B Datasheet HTML 1Page - TEMIC Semiconductors U6359B Datasheet HTML 2Page - TEMIC Semiconductors U6359B Datasheet HTML 3Page - TEMIC Semiconductors U6359B Datasheet HTML 4Page - TEMIC Semiconductors U6359B Datasheet HTML 5Page - TEMIC Semiconductors U6359B Datasheet HTML 6Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
U6359B
TELEFUNKEN Semiconductors
Rev. A1, 18-Sep-96
5 (6)
Package Dimensions
Small outline plastic package, 20 pin SO20
Dimensions in mm
95 9943



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com