Electronic Components Datasheet Search
  English  ▼

X  

ISL26322 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL26322
Description  12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL26322 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL26322 Datasheet HTML 10Page - Renesas Technology Corp ISL26322 Datasheet HTML 11Page - Renesas Technology Corp ISL26322 Datasheet HTML 12Page - Renesas Technology Corp ISL26322 Datasheet HTML 13Page - Renesas Technology Corp ISL26322 Datasheet HTML 14Page - Renesas Technology Corp ISL26322 Datasheet HTML 15Page - Renesas Technology Corp ISL26322 Datasheet HTML 16Page - Renesas Technology Corp ISL26322 Datasheet HTML 17Page - Renesas Technology Corp ISL26322 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ISL26310, ISL26311, ISL26312, ISL26313, ISL26314, ISL26315, ISL26319
FN7549 Rev 3.00
Page 14 of 23
August 18, 2015
Input Multiplexer
The input of the multiplexer connects the selected analog input
pins to the ADC input. A proprietary sampling circuit significantly
reduces the input drive requirements, resulting in lower overall
cost and board space in addition to improved performance. Note
that the input capacitance is only 2-3pF during the Sampling
phase, changing to 40pF during the Settling phase, resulting in
an average input current of 2.5µA and an effective input
capacitance of only 4pF (see Figure 26).
Voltage Reference Input
An external reference voltage must be supplied to the VREF pin to
set the full-scale input range of the converter. The VREF input on
these devices can accept voltages ranging from 2V (nominal) to
VDD, however, they are specified with VREF at a voltage of 5V with
VDD at 5V. Note that exceeding VDD by more than 100mV can
forward bias the ESD protection diodes and degrade measurement
accuracy due to leakage current. A lower value voltage reference
must be used if the device is operated with VDD at voltages lower
than 5V. If the VREF pin is tied to the VDD pin, the VREF pin should be
decoupled with a local 1µF ceramic capacitor as described in a later
paragraph.
Figures 27 and 28 illustrate possible voltage reference options
for these ADCs. Figure 27 uses the precision ISL21090 voltage
reference, which exhibits exceptionally low drift and low noise.
The ISL21090 must be powered from a supply greater than 4.7V.
Figure 28 illustrates the ISL21010 voltage reference used with
these ADCs. The ISL21010 series voltage references have higher
noise and drift than the ISL21090 devices, but operate at lower
supply voltages. Therefore, these devices can readily be used
when these SAR ADCs operate with VDD at voltages less than 5V.
The outputs of ISL21090 or the ISL21010 devices should be
decoupled with a 1µF ceramic capacitor. A 1µF, 6.3 V, X7R, 0603
(1608 metric) MLCC type capacitor is recommended for its high
frequency performance. The trace length from the VREF pin to
this capacitor and the voltage reference output should be as
short as possible.
The ISL26310 and ISL26313 devices (packaged in 8 pin SOIC
packages) derive their voltage reference from the VDD pin. To
achieve best performance, the VDD pin of these devices should
be bypassed with the 1µF ceramic capacitor mentioned above.
Power-Down/Standby Modes
In order to reduce power consumption between conversions, a
number of user-selectable modes can be utilized by setting the
appropriate bits in the Configuration Register.
Auto Power-down (PD0 = 0) reduces power consumption by
shutting down all portions of the device except the oscillator and
digital interface after completion of a conversion. There is a short
recovery period after CNV is asserted Low (150µs with external
reference).
In Auto Sleep mode (PD1 = 1), the device will automatically enter
the low-power Sleep mode at the end of the current conversion.
Recovery from this mode involves only 2.1µs and may offer an
alternative to Power-down mode in some applications.
Output Data Format
The converter output word is delivered in two’s complement
format in differential input mode, and straight binary in
single-ended input mode of operation respectively, all MSB-first.
Input exceeding the specified full-scale voltage results in a clipped
output which will not return to in-range values until after the input
signal has returned to the specified allowable voltage range.
Data must be read prior to the completion of the current
conversion to avoid conflict and loss of data, due to overwriting of
the new conversion data into the output register.
FIGURE 25. RELATIONSHIP BETWEEN VREF AND FULL-SCALE
RANGE FOR SINGLE-ENDED INPUTS
3.0
5.0
2.0
1.0
4.0
AIN
2.5Vp-p
VREF = 2.5V
3.0
5.0
2.0
1.0
4.0
AIN
5Vp-p
VREF = 5V
t
V
t
V
FIGURE 26. INPUT SAMPLING OPERATION
INPUT VOLTAGE
OFFSET ERROR
AC
ERROR
TOTAL
ERROR
DC
ERROR
SETTLING ERROR AND NOISE
SAMPLING PHASE
SETTLING PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com