Electronic Components Datasheet Search
  English  ▼

X  

ISL26322 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ISL26322
Description  12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL26322 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ISL26322 Datasheet HTML 11Page - Renesas Technology Corp ISL26322 Datasheet HTML 12Page - Renesas Technology Corp ISL26322 Datasheet HTML 13Page - Renesas Technology Corp ISL26322 Datasheet HTML 14Page - Renesas Technology Corp ISL26322 Datasheet HTML 15Page - Renesas Technology Corp ISL26322 Datasheet HTML 16Page - Renesas Technology Corp ISL26322 Datasheet HTML 17Page - Renesas Technology Corp ISL26322 Datasheet HTML 18Page - Renesas Technology Corp ISL26322 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
ISL26310, ISL26311, ISL26312, ISL26313, ISL26314, ISL26315, ISL26319
FN7549 Rev 3.00
Page 15 of 23
August 18, 2015
FIGURE 27. PRECISION VOLTAGE REFERENCE FOR +5V SUPPLY
1
2
3
4
8
7
6
5
DNC
VIN
COMP
GND
DNC
DNC
VOUT
TRIM
0.1µF
VDD
1µF (SEE VOLTAGE REFERENCE INPUT)
2.5V
VREF
0.1µF
BULK
+
5V
ISL21090
ISL2631X
ISL2632X
FIGURE 28. VOLTAGE REFERENCE FOR +2.7V TO +3.6V, OR FOR +5V SUPPLY
VDD
1µF (SEE VOLTAGE REFERENCE INPUT)
VREF
0.1µF
BULK
+
+2.7V TO +3.6V
ISL21010
GND
VIN
VOUT
1
2
3
0.1µF
1.25, 2.048 OR 2.5V
OR +5V
ISL2631X
ISL2632X
FIGURE 29. VOLTAGE REFERENCE FOR ISL26310/313 IS DERIVED FROM VDD
VDD
1µF (SEE VOLTAGE REFERENCE INPUT)
BULK
+2.7V TO +5V
ISL26310
ISL26313
TABLE 1. OUTPUT CODES - DIFFERENTIAL
INPUT VOLTAGE
TWO’S COMPLEMENT (12-bit)
>(VFS - 1.5 LSB)
7FF
VFS - 1.5 LSB
7FF
...
7FE
-0.5 LSB
000
…
FFF
-VFS +0.5 LSB
801
…
800
NOTE: VFS in the table above equals the voltage between AIN+ and AIN-.
Differential full scale is equal to 2* VREF.
TABLE 2. OUTPUT CODES - SINGLE-ENDED
INPUT VOLTAGE
BINARY (12-bit)
>AIN - 1.5 LSB
FFF
AIN - 1.5 LSB
FFF
…
FFE
0.5 LSB
001
…
000
<0.5 LSB
000
NOTE: Single-ended full scale is equal to VREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com