Electronic Components Datasheet Search
  English  ▼

X  

ISL26322 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ISL26322
Description  12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL26322 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ISL26322 Datasheet HTML 15Page - Renesas Technology Corp ISL26322 Datasheet HTML 16Page - Renesas Technology Corp ISL26322 Datasheet HTML 17Page - Renesas Technology Corp ISL26322 Datasheet HTML 18Page - Renesas Technology Corp ISL26322 Datasheet HTML 19Page - Renesas Technology Corp ISL26322 Datasheet HTML 20Page - Renesas Technology Corp ISL26322 Datasheet HTML 21Page - Renesas Technology Corp ISL26322 Datasheet HTML 22Page - Renesas Technology Corp ISL26322 Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
ISL26310, ISL26311, ISL26312, ISL26313, ISL26314, ISL26315, ISL26319
FN7549 Rev 3.00
Page 19 of 23
August 18, 2015
FIGURE 34. TIMING DIAGRAM FOR READING DURING CONVERSION MODE WITH EOC ON SDO OUTPUT
FIGURE 35. TIMING DIAGRAM FOR READING SPANNING CONVERSIONS MODE WITH EOC ON SDO OUTPUT
FIGURE 36. TIMING DIAGRAM FOR READING AFTER CONVERSION WITH REGISTER READBACK, WITHOUT EOC
Idle
Idle
CNV
SCLK
SDI
SDO
D15
D14
. . .
. . .
D14
. . .
. . .
ADC STATE
Idle
Power-Up
Acquisition
Conversion
Acquisition
Conversion
tACQ
tSCLK
tCNV_CLK
tSCLKL
tDATA
tCNV
Conversion N
Conversion N+1
Configuration N+1
Conversion Result N-1
Configuration N+2
Conversion Result N
tSCLKH
MSB
MSB-1
D1
LSB
MSB
MSB-1
D1
tSDO_V
tSDI_H
tSDI_SU
Hi-Z State
D5
D4
D5
D4
Idle
CNV
SCLK
SDI
SDO
D15
D4
ADC STATE
Idle
Power-Up
Acquisition
Conversion
Idle
Acquisition
Conversion
tACQ
tSCLK
tCNV_SCLK
tSCLKL
Conversion N
Conversion N+1
Configuration N+1
Conversion Result N-1
Configuration N+2
Conversion Result N
tSCLKH
MSB
MSB-1
D1
LSB
Hi-Z State
MSB
MSB-1
D1
tSDO_V
tSDI_H
tSDI_SU
D15
D14
D4
. . .
MSB-1 MSB-2
. . .
MSB-1 MSB-2
Note: Transition from Acquisition to Conversion mode may occur after any integer number of clock cycles (provided that the minimum tACQ is satisfied).
tDATA
tCNV
D14
. . .
D12
D13
D12
D13
. . .
CNV
SCLK
SDI
SDO
MSB
MSB-1
D15
D14
. . .
. . .
D1
LSB
ADC STATE
Idle
Power-Up
Acquisition
Conversion
Idle
Configuration N+1
Conversion Result N-1
Hi-Z State
Conversion N
Cfg15
Cfg14
. . .
Cfg1
Cfg0
Configuration settings of N-1 Result
D5
D4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com