Electronic Components Datasheet Search
  English  ▼

X  

AD8324 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8324
Description  3.3 V Upstream Cable Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8324 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8324 Datasheet HTML 3Page - Analog Devices AD8324 Datasheet HTML 4Page - Analog Devices AD8324 Datasheet HTML 5Page - Analog Devices AD8324 Datasheet HTML 6Page - Analog Devices AD8324 Datasheet HTML 7Page - Analog Devices AD8324 Datasheet HTML 8Page - Analog Devices AD8324 Datasheet HTML 9Page - Analog Devices AD8324 Datasheet HTML 10Page - Analog Devices AD8324 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8324
Rev. 0 | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
515
–80
–70
–50
–60
–40
25
35
45
55
65
VOUT = 62dBmV @ DEC 60
VOUT = 60dBmV @ DEC 60
VOUT = 61dBmV @ DEC 60
Figure 7. Second-Order Harmonic Distortion vs. Frequency
for Various Output Powers
FREQUENCY (MHz)
5
–80
VOUT = 61dBmV @ DEC 60
15
25
35
45
55
65
–60
–50
–40
–70
TA = +25°C
TA = –40°C
TA = +85°C
Figure 8. LFSCP Second-Order Harmonic Distortion
vs. Frequency vs. Temperature
FREQUENCY (MHz)
5
–80
VOUT = 61dBmV @ DEC 60
15
25
35
45
55
65
–60
–50
–40
–70
TA = –25°C
TA = +25°C
TA = +70°C
Figure 9. QSOP Second-Order Harmonic Distortion
vs. Frequency vs. Temperature
FREQUENCY (MHz)
515
–80
–70
–50
–60
–40
25
35
45
55
65
VOUT = 62dBmV @ DEC 60
VOUT = 60dBmV @ DEC 60
VOUT = 61dBmV @ DEC 60
Figure 10. Third-Order Harmonic Distortion vs. Frequency
for Various Output Powers
FREQUENCY (MHz)
515
–80
–70
–50
–60
–40
25
35
45
55
65
TA = +85°C
TA = +25°C
TA = –40°C
VOUT = 61dBmV @ DEC 60
Figure 11. LFCSP Third-Order Harmonic Distortion
vs. Frequency vs. Temperature
FREQUENCY (MHz)
515
–80
–70
–50
–60
–40
25
35
45
55
65
TA = +70°C
TA = +25°C
TA = –25°C
VOUT = 61dBmV @ DEC 60
Figure 12. QSOP Third-Order Harmonic Distortion
vs. Frequency vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com