Electronic Components Datasheet Search
  English  ▼

X  

AD8324 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8324
Description  3.3 V Upstream Cable Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8324 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8324 Datasheet HTML 8Page - Analog Devices AD8324 Datasheet HTML 9Page - Analog Devices AD8324 Datasheet HTML 10Page - Analog Devices AD8324 Datasheet HTML 11Page - Analog Devices AD8324 Datasheet HTML 12Page - Analog Devices AD8324 Datasheet HTML 13Page - Analog Devices AD8324 Datasheet HTML 14Page - Analog Devices AD8324 Datasheet HTML 15Page - Analog Devices AD8324 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD8324
Rev. 0 | Page 16 of 16
OUTLINE DIMENSIONS
1
20
5
6
11
16
15
BOTTOM
VIEW
10
2.25
2.10 SQ
1.95
0.75
0.55
0.35
0.30
0.23
0.18
0.50
BSC
12° MAX
0.20
REF
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
1.00
0.85
0.80
SEATING
PLANE
PIN 1
INDICATOR
TOP
VIEW
3.75
BSC SQ
4.0
BSC SQ
COPLANARITY
0.08
0.60
MAX
0.60
MAX
0.25 MIN
COMPLIANT TO JEDEC STANDARDS MO-220-VGGD-1
Figure 30. 20-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body (CP-20)
Dimensions shown in millimeters
20
11
10
1
PIN 1
8°
0°
0.236
BSC
0.154
BSC
0.010
0.004
0.012
0.008
0.025
BSC
COPLANARITY
0.004
0.065
0.049
0.069
0.053
SEATING
PLANE
0.010
0.006
0.050
0.016
0.341
BSC
COMPLIANT TO JEDEC STANDARDS MO-137AD
Figure 31. 20-Lead Shrink Small Outline Package [QSOP] (RQ-20)
Dimensions shown in inches
ORDERING GUIDE
Model
Temperature Range
Package Description
θJA (°C/W)
Package Option
AD8324JRQ
–25°C to +70°C
20-Lead QSOP
83.21
RQ-20
AD8324JRQ-REEL
–25°C to +70°C
20-Lead QSOP
83.2
1
RQ-20
AD8324JRQ-REEL7
–25°C to +70°C
20-Lead QSOP
83.2
1
RQ-20
AD8324JRQ-EVAL
Evaluation Board
AD8324ACP
–40°C to +85°C
20-Lead LFCSP
30.42
CP-20
AD8324ACP-REEL7
–40°C to +85°C
20-Lead LFCSP
30.4
2
CP-20
AD8324ACP-EVAL
Evaluation Board
1 Thermal resistance measured on SEMI standard 4-layer board.
2 Thermal resistance measured on SEMI standard 4-layer board, paddle soldered to board.
© 2003 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C04339–0–10/03(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com