Electronic Components Datasheet Search
  English  ▼

X  

AD8324 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8324
Description  3.3 V Upstream Cable Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8324 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8324 Datasheet HTML 8Page - Analog Devices AD8324 Datasheet HTML 9Page - Analog Devices AD8324 Datasheet HTML 10Page - Analog Devices AD8324 Datasheet HTML 11Page - Analog Devices AD8324 Datasheet HTML 12Page - Analog Devices AD8324 Datasheet HTML 13Page - Analog Devices AD8324 Datasheet HTML 14Page - Analog Devices AD8324 Datasheet HTML 15Page - Analog Devices AD8324 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD8324
Rev. 0 | Page 15 of 16
GND
GND
GND
TXEN
GND
RAMP
VIN+
GND
BYP
DATAEN
N
C
SDATA
SLEEP
CLK
GND
AD8324
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1
2
6
3
4
TOKO1
TP4A
R13A
1k
Ω
R14A
0
Ω
R11A
1k
Ω
R12A
0
Ω
C7A
OPEN
C6A
OPEN
TP3A
R9A
1k
Ω
R10A
0
Ω
C5A
OPEN
TP2A
R7A
1k
Ω
R8A
0
Ω
R15A
0
Ω
C4A
OPEN
R17A
OPEN
R3A
OPEN
R16A
OPEN
R2A
OPEN
R1A
OPEN
TP1A
R5A
1k
Ω
R6A
0
Ω
R4A
73.4
Ω
C3A
OPEN
TP5A
TP9A
VCC1
1
2
6
3
4
TOKOB5F
VCC1
CABLE_0A
C13A
0.1
µF
T2A
TP10A
TP11A
TP12A
TP_AGND1
AGND1
TP_VCC1
VCC1
P1 19
P1 20
P1 21
P1 22
P1 23
P1 24
P1 25
P1 26
P1 27
P1 28
P1 29
P1 30
P1 31
P1 16
P1
7
P1
6
P1
5
P1
3
P1
2
VIN–_A
VIN+_A
T1A
DUT1
C1A
0.1
µF
C9A
OPEN
C8A
10
µF
C10A
0.1
µF
C11A
OPEN
C12A
0.1
µF
C2A
0.1
µF
VCC
VIN–
VCC
VOUT+
VOUT–
Figure 29. AD8324 Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com