Electronic Components Datasheet Search
  English  ▼

X  

AF2302N Datasheet(PDF) 1 Page - Anachip Corp

Part # AF2302N
Description  20V N-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AF2302N Datasheet(HTML) 1 Page - Anachip Corp

  AF2302N Datasheet HTML 1Page - Anachip Corp AF2302N Datasheet HTML 2Page - Anachip Corp AF2302N Datasheet HTML 3Page - Anachip Corp AF2302N Datasheet HTML 4Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AF2302N
20V N-Channel Enhancement Mode MOSFET
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.1 Jul 20, 2004
1/4
Features
- Advanced trench process technology
- High density cell design for ultra low on-resistance
- Excellent thermal and electrical capabilities
- Compact and low profile SOT-23 package
Pin Assignments
3
2
1
(Top View)
1. G
2. S
3. D
Product Summary
VDS = 20V
RDS (on), VGS@4.5V, IDS@3.6A =65mΩ.
RDS (on), VGS@2.5V, IDS@3.1A =95mΩ.
Pin Descriptions
Pin
No.
Pin
Name
Description
1
G
Gate
2
S
Source
3
D
Drain
Ordering information
AX 2302N X X X
PN
Package
Feature
F :MOSFET
W: SOT23
Lead Free
Blank : Normal
L : Lead Free Package
Packing
Blank : Tube or Bulk
A : Tape & Reel
Block Diagram
S
G
D


Similar Part No. - AF2302N

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AF2301P ANACHIP-AF2301P Datasheet
131Kb / 4P
20V P-Channel Enhancement Mode MOSFET
Rev. 1.1 Jul 20, 2004
AF2301PW ANACHIP-AF2301PW Datasheet
131Kb / 4P
20V P-Channel Enhancement Mode MOSFET
Rev. 1.1 Jul 20, 2004
AF2301PWA ANACHIP-AF2301PWA Datasheet
131Kb / 4P
20V P-Channel Enhancement Mode MOSFET
Rev. 1.1 Jul 20, 2004
AF2301PWLA ANACHIP-AF2301PWLA Datasheet
131Kb / 4P
20V P-Channel Enhancement Mode MOSFET
Rev. 1.1 Jul 20, 2004
logo
VBsemi Electronics Co.,...
AF2301PWLA VBSEMI-AF2301PWLA Datasheet
1Mb / 9P
P-Channel 20-V (D-S) MOSFET
More results

Similar Description - AF2302N

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM62N02E6 DIODES-ZXM62N02E6 Datasheet
192Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
FEBRUARY 2006
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2005
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
20V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com