Electronic Components Datasheet Search
  English  ▼

X  

AF2302N Datasheet(PDF) 3 Page - Anachip Corp

Part # AF2302N
Description  20V N-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AF2302N Datasheet(HTML) 3 Page - Anachip Corp

  AF2302N Datasheet HTML 1Page - Anachip Corp AF2302N Datasheet HTML 2Page - Anachip Corp AF2302N Datasheet HTML 3Page - Anachip Corp AF2302N Datasheet HTML 4Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AF2302N
20V N-Channel Enhancement Mode MOSFET
Anachip Corp.
www.anachip.com.tw
Rev. 1.1 Jul 20, 2004
3/4
Marking Information
XX YW
SOT23
Date code
Y : Year
W : Week(A~Z)
XX: Device Code
(Top View)
(See Appendix)
Appendix
Part Number
Package
Device Code
AF2302N
SOT23-3
02
Switching Test Circuit
S
G
D
V
DD
R
G
V
GEN
V
IN
V
OUT
R
D
OUT
Switching Waveforms
PULSE WIDTH
t
on
t
r
t
d(on)
90%
Output, V
OUT
10%
10%
50%
Input, V
IN
t
off
t
d(off)
t
f
90%
10%
90%
50%
INVERTED



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com