Electronic Components Datasheet Search
  English  ▼

X  

AF2302N Datasheet(PDF) 2 Page - Anachip Corp

Part # AF2302N
Description  20V N-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AF2302N Datasheet(HTML) 2 Page - Anachip Corp

  AF2302N Datasheet HTML 1Page - Anachip Corp AF2302N Datasheet HTML 2Page - Anachip Corp AF2302N Datasheet HTML 3Page - Anachip Corp AF2302N Datasheet HTML 4Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AF2302N
20V N-Channel Enhancement Mode MOSFET
Anachip Corp.
www.anachip.com.tw
Rev. 1.1 Jul 20, 2004
2/4
Absolute Maximum Ratings (T
A=25ºC unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-Source Voltage
±8
V
ID
Continuous Drain Current
2.4
A
IDM
Pulsed Drain Current
10
A
TA=25ºC
1.25
PD
Maximum Power Dissipation
TA=70ºC
0.8
W
TJ
Operating Junction Temperature
+150
ºC
TJ, TSTG
Operating Junction and Storage Temperature Range
-55 to +150
ºC
Thermal Performance
Symbol
Parameter
Limit
Units
TL
Lead Temperature (1/8” from case)
5
S
RθJA
Junction to Ambient Thermal Resistance (PCB mounted)
100
ºC/W
Note: Surface mounted on FR4 board t < 5 sec.
Electrical Characteristics Rate I
D=2.4A, (TA=25
oC unless otherwise noted)
Limits
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Static
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
20
-
-
V
VGS=4.5V, ID=3.6A
-
50
65
RDS(ON)
Drain-Source On-State Resistance
VGS=2.5V, ID=3.1A
-
75
95
mΩ
VGS(TH)
Gate Threshold Voltage
VDS= VGS, ID=250uA
0.45
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=20V, VGS=0V
-
-
1.0
uA
IGSS
Gate Body Leakage
VGS=±8V, VDS=0V
-
-
±100
nA
ID(ON)
On-State Drain Current
VDS=5V, VGS=4.5V
6
-
-
A
gfs
Forward Tranconductance
VDS=5V, ID=3.6A
-
10
-
S
Dynamic
Qg
Total Gate Charge
-
5.2
10
Qgs
Gate-Source Charge
-
0.65
-
Qgd
Gate-Drain Charge
VDS=10V, ID=3.6A,
VGS=4.5V
-
1.5
-
nC
td(on)
Turn-On Delay Time
-
7
15
tr
Turn-On Rise Time
-
55
80
td(off)
Turn-Off Delay Time
-
16
60
tf
Turn-Off Fall-Time
VDD=10V, RL=10Ω,
ID=1A, VGEN=4.5V,
RG=6Ω
-
10
25
nS
Ciss
Input Capacitance
-
450
-
Coss
Output Capacitance
-
70
-
Crss
Reverse Transfer Capacitance
VDS=10V, VGS=0V,
f=1.0MHz
-
43
-
pF
Source-Drain Diode
IS
Max. Diode Forward Current
-
-
1.6
A
VSD
Diode Forward Voltage
IS=1.0A, VGS=0V
-
0.75
1.2
V
Note: Pulse test: pulse width < 300uS, duty cycle < 2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com