Electronic Components Datasheet Search
  English  ▼

X  

ADXL320EB Datasheet(PDF) 5 Page - Analog Devices

Part # ADXL320EB
Description  Small and Thin 5 g Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL320EB Datasheet(HTML) 5 Page - Analog Devices

  ADXL320EB Datasheet HTML 1Page - Analog Devices ADXL320EB Datasheet HTML 2Page - Analog Devices ADXL320EB Datasheet HTML 3Page - Analog Devices ADXL320EB Datasheet HTML 4Page - Analog Devices ADXL320EB Datasheet HTML 5Page - Analog Devices ADXL320EB Datasheet HTML 6Page - Analog Devices ADXL320EB Datasheet HTML 7Page - Analog Devices ADXL320EB Datasheet HTML 8Page - Analog Devices ADXL320EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADXL320
Rev. 0 | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC
XOUT
ST
NC
COM
YOUT
NC
NC
COM COM COM
NC
NC
VS
VS
NC
NC = NO CONNECT
ADXL320
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NC
Do Not Connect
2
ST
Self-Test
3
COM
Common
4
NC
Do Not Connect
5
COM
Common
6
COM
Common
7
COM
Common
8
NC
Do Not Connect
9
NC
Do Not Connect
10
YOUT
Y Channel Output
11
NC
Do Not Connect
12
XOUT
X Channel Output
13
NC
Do Not Connect
14
VS
2.4 V to 5.25 V
15
VS
2.4 V to 5.25 V
16
NC
Do Not Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com