Electronic Components Datasheet Search
  English  ▼

X  

ADXL320EB Datasheet(PDF) 7 Page - Analog Devices

Part # ADXL320EB
Description  Small and Thin 5 g Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL320EB Datasheet(HTML) 7 Page - Analog Devices

Back Button ADXL320EB Datasheet HTML 3Page - Analog Devices ADXL320EB Datasheet HTML 4Page - Analog Devices ADXL320EB Datasheet HTML 5Page - Analog Devices ADXL320EB Datasheet HTML 6Page - Analog Devices ADXL320EB Datasheet HTML 7Page - Analog Devices ADXL320EB Datasheet HTML 8Page - Analog Devices ADXL320EB Datasheet HTML 9Page - Analog Devices ADXL320EB Datasheet HTML 10Page - Analog Devices ADXL320EB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADXL320
Rev. 0 | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS (VS = 3.0 V)
25
0
5
10
15
20
1.40 1.42 1.44 1.46 1.48 1.50 1.52 1.54 1.56 1.58 1.60
OUTPUT (V)
Figure 4. X-Axis Zero g Bias Deviation from Ideal at 25°C
35
0
5
10
15
20
25
30
–2.8–2.4 –2.0 –1.6–1.2 –0.8 –0.4 0
0.4 0.8 1.2 1.6 2.0 2.4 2.8
TEMPERATURE COEFFICIENT (mg/
°C)
Figure 5. X-Axis Zero g Bias Temperature Coefficient
90
0
10
20
30
40
50
70
80
60
164
184
182
180
178
176
174
172
170
168
166
SENSITIVITY (mV/g)
Figure 6. X-Axis Sensitivity at 25°C
25
0
5
10
15
20
1.40 1.42 1.44 1.46 1.48 1.50 1.52 1.54 1.56 1.58 1.60
OUTPUT (V)
Figure 7. Y-Axis Zero g Bias Deviation from Ideal at 25°C
35
0
5
10
15
20
25
30
–2.8–2.4 –2.0 –1.6–1.2 –0.8 –0.4 0
0.4 0.8 1.2 1.6 2.0 2.4 2.8
TEMPERATURE COEFFICIENT (mg/
°C)
Figure 8. Y-Axis Zero g Bias Temperature Coefficient
70
0
10
20
30
40
50
60
164
184
182
180
178
176
174
172
170
168
166
SENSITIVITY (mV/g)
Figure 9. Y-Axis Sensitivity at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com