Electronic Components Datasheet Search
  English  ▼

X  

ADXL320EB Datasheet(PDF) 12 Page - Analog Devices

Part # ADXL320EB
Description  Small and Thin 5 g Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL320EB Datasheet(HTML) 12 Page - Analog Devices

Back Button ADXL320EB Datasheet HTML 8Page - Analog Devices ADXL320EB Datasheet HTML 9Page - Analog Devices ADXL320EB Datasheet HTML 10Page - Analog Devices ADXL320EB Datasheet HTML 11Page - Analog Devices ADXL320EB Datasheet HTML 12Page - Analog Devices ADXL320EB Datasheet HTML 13Page - Analog Devices ADXL320EB Datasheet HTML 14Page - Analog Devices ADXL320EB Datasheet HTML 15Page - Analog Devices ADXL320EB Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADXL320
Rev. 0 | Page 12 of 16
APPLICATIONS
POWER SUPPLY DECOUPLING
For most applications, a single 0.1 µF capacitor, CDC, adequately
decouples the accelerometer from noise on the power supply.
However, in some cases, particularly where noise is present at
the 140 kHz internal clock frequency (or any harmonic
thereof), noise on the supply may cause interference on the
ADXL320 output. If additional decoupling is needed, a 100 Ω
(or smaller) resistor or ferrite bead may be inserted in the
supply line. Additionally, a larger bulk bypass capacitor (in the
1 µF to 4.7 µF range) may be added in parallel to CDC.
SETTING THE BANDWIDTH USING CX AND CY
The ADXL320 has provisions for band-limiting the XOUT and
YOUT pins. Capacitors must be added at these pins to implement
low-pass filtering for antialiasing and noise reduction. The
equation for the 3 dB bandwidth is
F−3 dB = 1/(2π(32 kΩ) × C(X, Y))
or more simply,
F–3 dB = 5 µF/C(X, Y)
The tolerance of the internal resistor (RFILT) typically varies as
much as ±15% of its nominal value (32 kΩ), and the bandwidth
varies accordingly. A minimum capacitance of 2000 pF for CX
and CY is required in all cases.
Table 5. Filter Capacitor Selection, CX and CY
Bandwidth (Hz)
Capacitor (µF)
1
4.7
10
0.47
50
0.10
100
0.05
200
0.027
500
0.01
SELF-TEST
The ST pin controls the self-test feature. When this pin is set to
VS, an electrostatic force is exerted on the accelerometer beam.
The resulting movement of the beam allows the user to test if
the accelerometer is functional. The typical change in output is
315 mg (corresponding to 55 mV). This pin may be left open-
circuit or connected to common (COM) in normal use.
The ST pin should never be exposed to voltages greater than
VS + 0.3 V. If this cannot be guaranteed due to the system design
(for instance, if there are multiple supply voltages), then a low
VF clamping diode between ST and VS is recommended.
DESIGN TRADE-OFFS FOR SELECTING FILTER
CHARACTERISTICS: THE NOISE/BW TRADE-OFF
The accelerometer bandwidth selected ultimately determines
the measurement resolution (smallest detectable acceleration).
Filtering can be used to lower the noise floor, which improves
the resolution of the accelerometer. Resolution is dependent on
the analog filter bandwidth at XOUT and YOUT.
The output of the ADXL320 has a typical bandwidth of 2.5 kHz.
The user must filter the signal at this point to limit aliasing
errors. The analog bandwidth must be no more than half the
A/D sampling frequency to minimize aliasing. The analog
bandwidth may be further decreased to reduce noise and
improve resolution.
The ADXL320 noise has the characteristics of white Gaussian
noise, which contributes equally at all frequencies and is
described in terms of µg/√Hz (the noise is proportional to the
square root of the accelerometer’s bandwidth). The user should
limit bandwidth to the lowest frequency needed by the
application in order to maximize the resolution and dynamic
range of the accelerometer.
With the single-pole, roll-off characteristic, the typical noise of
the ADXL320 is determined by
)
1.6
(
)
µg/
(250
×
×
=
BW
Hz
rmsNoise
At 100 Hz bandwidth the noise will be
mg
3.2
)
1.6
100
(
)
µg/
(250
=
×
×
=
Hz
rmsNoise
Often, the peak value of the noise is desired. Peak-to-peak noise
can only be estimated by statistical methods. Table 6 is useful
for estimating the probabilities of exceeding various peak
values, given the rms value.
Table 6. Estimation of Peak-to-Peak Noise
Peak-to-Peak Value
% of Time That Noise Exceeds
Nominal Peak-to-Peak Value
2 × rms
32
4 × rms
4.6
6 × rms
0.27
8 × rms
0.006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com