Electronic Components Datasheet Search
  English  ▼

X  

CA3140AM Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CA3140AM
Description  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CA3140AM Datasheet(HTML) 1 Page - Renesas Technology Corp

  CA3140AM Datasheet HTML 1Page - Renesas Technology Corp CA3140AM Datasheet HTML 2Page - Renesas Technology Corp CA3140AM Datasheet HTML 3Page - Renesas Technology Corp CA3140AM Datasheet HTML 4Page - Renesas Technology Corp CA3140AM Datasheet HTML 5Page - Renesas Technology Corp CA3140AM Datasheet HTML 6Page - Renesas Technology Corp CA3140AM Datasheet HTML 7Page - Renesas Technology Corp CA3140AM Datasheet HTML 8Page - Renesas Technology Corp CA3140AM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
FN957 Rev.10.00
Page 1 of 24
Jul 11, 2005
FN957
Rev.10.00
Jul 11, 2005
CA3140, CA3140A
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
DATASHEET
The CA3140A and CA3140 are integrated circuit operational
amplifiers that combine the advantages of high voltage
PMOS transistors with high voltage bipolar transistors on a
single monolithic chip.
The CA3140A and CA3140 BiMOS operational amplifiers
feature gate protected MOSFET (PMOS) transistors in the
input circuit to provide very high input impedance, very low
input current, and high speed performance. The CA3140A
and CA3140 operate at supply voltage from 4V to 36V
(either single or dual supply). These operational amplifiers
are internally phase compensated to achieve stable
operation in unity gain follower operation, and additionally,
have access terminal for a supplementary external capacitor
if additional frequency roll-off is desired. Terminals are also
provided for use in applications requiring input offset voltage
nulling. The use of PMOS field effect transistors in the input
stage results in common mode input voltage capability down
to 0.5V below the negative supply terminal, an important
attribute for single supply applications. The output stage
uses bipolar transistors and includes built-in protection
against damage from load terminal short circuiting to either
supply rail or to ground.
The CA3140A and CA3140 are intended for operation at
supply voltages up to 36V (
18V).
Features
• MOSFET Input Stage
- Very High Input Impedance (ZIN) -1.5T (Typ)
- Very Low Input Current (Il) -10pA (Typ) at 15V
- Wide Common Mode Input Voltage Range (VlCR) - Can be
Swung 0.5V Below Negative Supply Voltage Rail
- Output Swing Complements Input Common Mode
Range
• Directly Replaces Industry Type 741 in Most Applications
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Ground-Referenced Single Supply Amplifiers in
Automobile and Portable Instrumentation
• Sample and Hold Amplifiers
• Long Duration Timers/Multivibrators
(
seconds-Minutes-Hours)
• Photocurrent Instrumentation
• Peak Detectors
• Active Filters
• Comparators
• Interface in 5V TTL Systems and Other Low
Supply Voltage Systems
• All Standard Operational Amplifier Applications
• Function Generators
• Tone Controls
• Power Supplies
• Portable Instruments
• Intrusion Alarm Systems
Pinout
CA3140 (PDIP, SOIC)
TOP VIEW
INV. INPUT
NON-INV.
V-
1
2
3
4
8
7
6
5
STROBE
V+
OUTPUT
OFFSET
NULL
OFFSET
NULL
INPUT
-
+


Similar Part No. - CA3140AM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3140AM INTERSIL-CA3140AM Datasheet
1Mb / 19P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
CA3140AM INTERSIL-CA3140AM Datasheet
1Mb / 23P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
July 11, 2005
CA3140AM96 INTERSIL-CA3140AM96 Datasheet
1Mb / 23P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
July 11, 2005
CA3140AMZ INTERSIL-CA3140AMZ Datasheet
1Mb / 23P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
July 11, 2005
logo
Renesas Technology Corp
CA3140AMZ RENESAS-CA3140AMZ Datasheet
2Mb / 24P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
Rev.10.01 Feb 19, 2026
More results

Similar Description - CA3140AM

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
July 11, 2005
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
June 2004
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
May 2001
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
March 4, 2005
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com