Electronic Components Datasheet Search
  English  ▼

X  

CA3140AM Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # CA3140AM
Description  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CA3140AM Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button CA3140AM Datasheet HTML 14Page - Renesas Technology Corp CA3140AM Datasheet HTML 15Page - Renesas Technology Corp CA3140AM Datasheet HTML 16Page - Renesas Technology Corp CA3140AM Datasheet HTML 17Page - Renesas Technology Corp CA3140AM Datasheet HTML 18Page - Renesas Technology Corp CA3140AM Datasheet HTML 19Page - Renesas Technology Corp CA3140AM Datasheet HTML 20Page - Renesas Technology Corp CA3140AM Datasheet HTML 21Page - Renesas Technology Corp CA3140AM Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
CA3140, CA3140A
FN957 Rev.10.00
Page 18 of 24
Jul 11, 2005
Pulse “droop” during the hold interval is 170pA/200pF which is
0.85
V/s; (i.e., 170pA/200pF). In this case, 170pA represents
the typical leakage current of the CA3080A when strobed off. If C1
were increased to 2000pF, the “hold-droop” rate will decrease to
0.085
V/s, but the slew rate would decrease to 0.25V/s. The
parallel diode network connected between Terminal 3 of the
CA3080A and Terminal 6 of the CA3140 prevents large input
signal feedthrough across the input terminals of the CA3080A to
the 200pF storage capacitor when the CA3080A is strobed off.
Figure 24 shows dynamic characteristic waveforms of this
sample-and-hold system.
Current Amplifier
The low input terminal current needed to drive the CA3140
makes it ideal for use in current amplifier applications such as
the one shown in Figure 25 (see Note 14). In this circuit, low
current is supplied at the input potential as the power supply to
load resistor RL. This load current is increased by the
multiplication factor R2/R1, when the load current is monitored
by the power supply meter M. Thus, if the load current is
100nA, with values shown, the load current presented to the
supply will be 100
A; a much easier current to measure in
many systems.
Note that the input and output voltages are transferred at the
same potential and only the output current is multiplied by the
scale factor.
The dotted components show a method of decoupling the
circuit from the effects of high output load capacitance and the
potential oscillation in this situation. Essentially, the necessary
high frequency feedback is provided by the capacitor with the
dotted series resistor providing load decoupling.
Full Wave Rectifier
Figure 26 shows a single supply, absolute value, ideal full-
wave rectifier with associated waveforms. During positive
excursions, the input signal is fed through the feedback
network directly to the output. Simultaneously, the positive
excursion of the input signal also drives the output terminal
(No. 6) of the inverting amplifier in a negative going excursion
such that the 1N914 diode effectively disconnects the amplifier
from the signal path. During a negative going excursion of the
input signal, the CA3140 functions as a normal inverting
amplifier with a gain equal to -R2/R1. When the equality of the
two equations shown in Figure 26 is satisfied, the full wave
output is symmetrical.
NOTE:
14. “Operational Amplifiers Design and Applications”, J. G. Graeme,
McGraw-Hill Book Company, page 308, “Negative Immittance
Converter Circuits”.
Top Trace: Output; 50mV/Div., 200ns/Div.
Bottom Trace: Input; 50mV/Div., 200ns/Div.
Top Trace: Output Signal; 5V/Div, 2
s/Div.
Center Trace: Difference of Input and Output Signals through
Tektronix Amplifier 7A13; 5mV/Div., 2
s/Div.
Bottom Trace: Input Signal; 5V/Div., 2
s/Div.
LARGE SIGNAL RESPONSE AND SETTLING TIME
SAMPLING RESPONSE
Top Trace: Output; 100mV/Div., 500ns/Div.
Bottom Trace: Input; 20V/Div., 500ns/Div.
FIGURE 24. SAMPLE AND HOLD SYSTEM DYNAMIC
CHARACTERISTICS WAVEFORMS
+15V
2
1
100k
0.1
F
-15V
4
5
7
+
CA3140
-
0.1
F
4.3k
10k
6
3
R1
POWER
SUPPLY
10M
R2
IL
R2
R1
M
RL
IL
x
FIGURE 25. BASIC CURRENT AMPLIFIER FOR LOW CURRENT
MEASUREMENT SYSTEMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com