Electronic Components Datasheet Search
  English  ▼

X  

CA3140AM Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # CA3140AM
Description  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CA3140AM Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button CA3140AM Datasheet HTML 16Page - Renesas Technology Corp CA3140AM Datasheet HTML 17Page - Renesas Technology Corp CA3140AM Datasheet HTML 18Page - Renesas Technology Corp CA3140AM Datasheet HTML 19Page - Renesas Technology Corp CA3140AM Datasheet HTML 20Page - Renesas Technology Corp CA3140AM Datasheet HTML 21Page - Renesas Technology Corp CA3140AM Datasheet HTML 22Page - Renesas Technology Corp CA3140AM Datasheet HTML 23Page - Renesas Technology Corp CA3140AM Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
CA3140, CA3140A
FN957 Rev.10.00
Page 22 of 24
Jul 11, 2005
Metallization Mask Layout
Dimensions in parenthesis are in millimeters and are derived
from the basic inch dimensions as indicated. Grid graduations
are in mils (10-3 inch).
The photographs and dimensions represent a chip when it is
part of the wafer. When the wafer is cut into chips, the cleavage
angles are 57o instead of 90with respect to the face of the
chip. Therefore, the isolated chip is actually 7 mils (0.17mm)
larger in both dimensions.
62-70
(1.575-1.778)
4-10
(0.102-0.254)
60
50
40
30
20
10
0
58-66
(1.473-1.676)
50
40
30
20
10
61
0
60 65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com