Electronic Components Datasheet Search
  English  ▼

X  

EL1881CSZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL1881CSZ
Description  Sync Separator, Low Power
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1881CSZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL1881CSZ Datasheet HTML 1Page - Renesas Technology Corp EL1881CSZ Datasheet HTML 2Page - Renesas Technology Corp EL1881CSZ Datasheet HTML 3Page - Renesas Technology Corp EL1881CSZ Datasheet HTML 4Page - Renesas Technology Corp EL1881CSZ Datasheet HTML 5Page - Renesas Technology Corp EL1881CSZ Datasheet HTML 6Page - Renesas Technology Corp EL1881CSZ Datasheet HTML 7Page - Renesas Technology Corp EL1881CSZ Datasheet HTML 8Page - Renesas Technology Corp EL1881CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
EL1881
FN7018 Rev 2.00
Page 3 of 13
September 15, 2011
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VCC Supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pin Voltages . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VCC +0.5V
Thermal Resistance (Typical, Note 5)
JA (°C/W)
8 Lead PDIP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
85
8 Lead SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
95 to 120
Operating Ambient Temperature Range . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .400mW
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
5.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
VDD = 5V, TA = +25°C, RSET = 681k, unless otherwise specified.
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
IDD, Quiescent
VDD = 5V
0.75
1.5
3
mA
Clamp Voltage
Pin 2, ILOAD = -100µA
1.35
1.5
1.65
V
Clamp Discharge Current
Pin 2 = 2V
6
12
16
µA
Clamp Charge Current
Pin 2 = 1V
-1.3
-1
0.7
mA
RSET Pin Reference Voltage
Pin 6
1.1
1.22
1.35
V
VOL Output Low Voltage
IOL = 1.6mA
0.24
0.5
V
VOH Output High Voltage
IOH = -40µA
4
4.8
V
IOH = -1.6mA
3
4.6
V
Dynamic Specifications
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
Comp Sync Prop Delay, tCS
See Figure 20
20
35
75
ns
Vertical Sync Width, tVS
Normal or Default Trigger, 50% to 50%
190
230
300
µs
Vertical Sync Default Delay, tVSD
See Figure 21
35
62
85
µs
Burst/Back Porch Delay, tBD
See Figure 20
120
200
300
ns
Burst/Back Porch Width, tB
See Figure 20
2.5
3.5
4.5
µs
Input Dynamic Range
Video Input Amplitude to Maintain 50% Slice Spec
0.5
2
VP-P
Slice Level
VSLICE/VCLAMP
55
70
85
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com