Electronic Components Datasheet Search
  English  ▼

X  

EL1881CSZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL1881CSZ
Description  Sync Separator, Low Power
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1881CSZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL1881CSZ Datasheet HTML 1Page - Renesas Technology Corp EL1881CSZ Datasheet HTML 2Page - Renesas Technology Corp EL1881CSZ Datasheet HTML 3Page - Renesas Technology Corp EL1881CSZ Datasheet HTML 4Page - Renesas Technology Corp EL1881CSZ Datasheet HTML 5Page - Renesas Technology Corp EL1881CSZ Datasheet HTML 6Page - Renesas Technology Corp EL1881CSZ Datasheet HTML 7Page - Renesas Technology Corp EL1881CSZ Datasheet HTML 8Page - Renesas Technology Corp EL1881CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
EL1881
FN7018 Rev 2.00
Page 4 of 13
September 15, 2011
Typical Performance Curves
FIGURE 1. SUPPLY CURRENT vs TEMPERATURE
FIGURE 2. VCLAMP VOLTAGE vs TEMPERATURE
FIGURE 3. CLAMP DISCHARGE CURRENT vs
TEMPERATURE
FIGURE 4. VRSET vs TEMPERATURE
FIGURE 5. CLAMP CHARGE CURRENT vs TEMPERATURE
FIGURE 6. RSET vs HORIZONTAL FREQUENCY
1.65
1.60
1.50
1.45
1.40
1.35
-50
-25
25
75
100
TEMPERATURE (°C)
5.5V
4.5V
5V
1.55
050
RSET = 681k
1.535
1.515
1.505
1.495
1.485
TEMPERATURE (°C)
1.525
-50
-25
25
75
100
050
5.5V
5V
4.5V
RSET = 681k
11.4
11.3
11.2
10.9
10.8
10.7
TEMPERATURE (°C)
11.0
-50
-25
25
75
100
050
11.1
RSET = 681k
4.5V
5V
5.5V
1.240
1.230
1.220
1.210
1.200
TEMPERATURE (°C)
-50
-25
25
75
100
050
1.235
1.225
1.215
1.205
RSET = 681k
5V
5.5V
4.5V
1.10
1.00
0.90
0.85
TEMPERATURE (°C)
1.05
0.95
-50
-25
25
75
100
050
5.5V
4.5V
RSET = 681k
5V
1000
600
200
0
10
15
25
35
40
45
FREQUENCY (kHz)
800
400
20
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com