Electronic Components Datasheet Search
  English  ▼

X  

EL1881CSZ Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # EL1881CSZ
Description  Sync Separator, Low Power
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1881CSZ Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button EL1881CSZ Datasheet HTML 5Page - Renesas Technology Corp EL1881CSZ Datasheet HTML 6Page - Renesas Technology Corp EL1881CSZ Datasheet HTML 7Page - Renesas Technology Corp EL1881CSZ Datasheet HTML 8Page - Renesas Technology Corp EL1881CSZ Datasheet HTML 9Page - Renesas Technology Corp EL1881CSZ Datasheet HTML 10Page - Renesas Technology Corp EL1881CSZ Datasheet HTML 11Page - Renesas Technology Corp EL1881CSZ Datasheet HTML 12Page - Renesas Technology Corp EL1881CSZ Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
EL1881
FN7018 Rev 2.00
Page 9 of 13
September 15, 2011
Applications Information
Video In
Figure 24 shows a “Simplified Block Diagram” on page 11.
An AC-coupled video signal is input to Video In pin 2 via, C1
nominally 0.1µF. Clamp charge current will prevent the
signal on pin 2 from going any more negative than Sync Tip
Ref, about 1.5V. This charge current is nominally about 1mA.
A clamp discharge current of about 10µA is always
attempting to discharge C1 to Sync Tip Ref, thus charge is
lost between sync pulses that must be replaced during sync
pulses. The droop voltage that will occur can be calculated
from It = CV, where V is the droop voltage, I is the discharge
current, t is the time between sync pulses
(sync period - sync tip width), and C is C1.
An NTSC video signal has a horizontal frequency of
15.73kHz, and a sync tip width of 4.7µs. This gives a period
of 63.6µs and a time t = 58.9µs. The droop voltage will then
be V = 5.9mV. This is < 2% of a nominal sync tip amplitude
of 286mV. The charge represented by this droop is replaced
in a time given by t = CV/I, where I = clamp charge current =
1mA. Here t = 590ns, about 12% of the sync pulse width of
4.7µs. It is important to choose C1 large enough so that the
droop voltage does not approach the switching threshold of
the internal comparator.
Fixed Gain Buffer
The clamped video signal then passes to the fixed gain
buffer which places the sync slice level at the equivalent
level of 70mV above sync tip. The output of this buffer is
presented to the comparator, along with the slice reference.
The comparator output is level shifted and buffered to TTL
levels, and sent out as Composite Sync to pin 1.
Burst
A low-going Burst pulse follows each rising edge of sync,
and lasts approximately 3.5µs for an RSET of 681k.
Vertical Sync
A low-going Vertical Sync pulse is output during the start of
the vertical cycle of the incoming video signal. The vertical
cycle starts with a pre-equalizing phase of pulses with a duty
cycle of about 93%, followed by a vertical serration phase
FIGURE 22. STANDARD VERTICAL TIMING
Expanded Timing Diagrams (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com