Electronic Components Datasheet Search
  English  ▼

X  

EL2228CS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL2228CS
Description  Dual Low Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2228CS Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL2228CS Datasheet HTML 1Page - Renesas Technology Corp EL2228CS Datasheet HTML 2Page - Renesas Technology Corp EL2228CS Datasheet HTML 3Page - Renesas Technology Corp EL2228CS Datasheet HTML 4Page - Renesas Technology Corp EL2228CS Datasheet HTML 5Page - Renesas Technology Corp EL2228CS Datasheet HTML 6Page - Renesas Technology Corp EL2228CS Datasheet HTML 7Page - Renesas Technology Corp EL2228CS Datasheet HTML 8Page - Renesas Technology Corp EL2228CS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
EL2228
FN7008 Rev 2.00
Page 4 of 12
May 3, 2007
Typical Performance Curves
Non-Inverting Frequency Response for Various RF
4
3
2
1
0
-1
-2
-3
-4
-5
-6
100k
1M
Frequency (Hz)
100M
Inverting Frequency Response (Gain)
4
3
2
1
0
-1
-2
-3
-4
-5
-6
100k
1M
10M
Frequency (Hz)
100M
Inverting Frequency Response for Various RF
4
3
2
1
0
-1
-2
-3
-4
-5
-6
1M
10M
Frequency (Hz)
100M
10M
VS = ±12V
AV = +1
RL = 500
RF = 1k
RF=200
RF = 420
RF=0
VS = ±12V
AV = -1
RL = 500
RF = 100
RF = 420
RF = 1k
VS = ±12V
RF = 420
AV = -1
AV = -2
AV = -10
AV = -5
Non-Inverting Frequency Response (Phase)
135
90
45
0
-45
-90
-135
-180
-225
-270
-315
100k
1M
10M
Frequency (Hz)
VS=±12
V
RF=420
100M
AV=1
AV=2
AV=5
AV=10
Inverting Frequency Response (Phase)
135
45
0
-45
-90
-135
-180
-225
-270
-315
100k
Frequency (Hz)
90
10M
1M
100M
VS = ±12V
RF = 420
RL = 500
AV = -1
AV = -2
AV = -5
AV = -10
Non-Inverting Frequency Response for Various
Input Signal Levels
4
3
2
1
0
-1
-2
-3
-4
-5
-6
100k
1M
Frequency (Hz)
100M
Non-Inverting Frequency Response for Various RL
4
3
2
1
0
-1
-2
-3
-4
-5
-6
100k
1M
Frequency (Hz)
100M
10M
VS = ±12V
AV = +1
RF = 420
10M
RL = 150
RL = 500
RL = 50
RL = 1k
VIN = 100mVPP
VIN = 1VPP
VIN = 500mVPP
VIN = 2VPP
VS = ±12V
RF = 420
RL = 500
AV = +1
Non-Inverting Frequency Response (Gain)
4
3
2
1
0
-1
-2
-3
-4
-5
-6
100k
1M
10M
Frequency (Hz)
VS=±12V
RF=420
RL=500
100M
AV = 1
AV = 2
AV = 5
AV = 10
Non-Inverting Frequency Response (Phase)
135
90
45
0
-45
-90
-135
-180
-225
-270
-315
100k
1M
10M
Frequency (Hz)
VS = ±12V
RF = 420
RL = 500
100M
AV = 1
AV = 2
AV = 5
AV = 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com