Electronic Components Datasheet Search
  English  ▼

X  

EL2228CS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # EL2228CS
Description  Dual Low Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2228CS Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button EL2228CS Datasheet HTML 4Page - Renesas Technology Corp EL2228CS Datasheet HTML 5Page - Renesas Technology Corp EL2228CS Datasheet HTML 6Page - Renesas Technology Corp EL2228CS Datasheet HTML 7Page - Renesas Technology Corp EL2228CS Datasheet HTML 8Page - Renesas Technology Corp EL2228CS Datasheet HTML 9Page - Renesas Technology Corp EL2228CS Datasheet HTML 10Page - Renesas Technology Corp EL2228CS Datasheet HTML 11Page - Renesas Technology Corp EL2228CS Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
EL2228
FN7008 Rev 2.00
Page 8 of 12
May 3, 2007
Typical Performance Curves (Continued)
Package Power Dissipation vs Ambient Temperature
JEDEC JESD51-3 Low Effective Thermal Conductivity
Test Board
0.7
0.6
0.4
0.2
0.1
Ambient Temperature (°C)
150
25
50
75
125
0
0
0.5
0.3
100
85
625mW
486mW
MSOP8
206°C/W
SO8
160°C/W
Input Bias Current vs Temperature
-2
-4
-6
-8
Junction Temperature (°C)
150
050
100
-50
Input Offset Voltage vs Temperature
2
-2
Junction Temperature (°C)
150
50
-50
1
0
-1
100
0
Slew Rate vs Temperature
76
74
70
66
64
Temperature (°C)
150
050
100
-50
62
72
68
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
255075
100
125
150
Package Power Dissipation vs Ambient Temperature
JEDEC JESD51-7 High Effective Thermal Conductivity
Test Board
870mW
909mW
MSOP8
115°C/W
SO8
110°C/W
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com