Electronic Components Datasheet Search
  English  ▼

X  

EL2228CS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL2228CS
Description  Dual Low Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2228CS Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL2228CS Datasheet HTML 1Page - Renesas Technology Corp EL2228CS Datasheet HTML 2Page - Renesas Technology Corp EL2228CS Datasheet HTML 3Page - Renesas Technology Corp EL2228CS Datasheet HTML 4Page - Renesas Technology Corp EL2228CS Datasheet HTML 5Page - Renesas Technology Corp EL2228CS Datasheet HTML 6Page - Renesas Technology Corp EL2228CS Datasheet HTML 7Page - Renesas Technology Corp EL2228CS Datasheet HTML 8Page - Renesas Technology Corp EL2228CS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FN7008 Rev 2.00
Page 1 of 12
May 3, 2007
FN7008
Rev 2.00
May 3, 2007
EL2228
Dual Low Noise Amplifier
DATASHEET
The EL2228 is a dual, low-noise amplifier, ideally suited to
filtering applications in ADSL and HDSLII designs. It features
low noise specification of just 4.9nV/
Hz and 1.2pA/Hz,
making it ideal for processing low voltage waveforms.
The EL2228 has a -3dB bandwidth of 80MHz and is gain-
of-1 stable. It also affords minimal power dissipation with a
supply current of just 4.5mA per amplifier. The amplifier can
be powered from supplies ranging from ±2.5V to ±12V.
The EL2228 is available in a space saving 8 Ld MSOP
package as well as the industry-standard 8 Ld SOIC. It is
specified for operation over the -40°C to +85°C temperature
range.
Pinout
EL2228
(8 LD SOIC, 8 LD MSOP)
TOP VIEW
Features
• Voltage noise of only 4.9nV/
Hz
• Current noise of only 1.2pA/
Hz
• Bandwidth (-3dB) of 80MHz -@ AV = +1
• Gain-of-1 stable
• Just 4.5mA per amplifier
• 8 Ld MSOP package
• ±2.5V to ±12V operation
• Pb-free plus anneal available (RoHS compliant)
Applications
• ADSL filters
• HDSLII filters
• Ultrasound input amplifiers
• Wideband instrumentation
• Communications equipment
• Wideband sensors
1
2
3
4
8
7
6
5
-
+
-
+
VS-
VS+
VINA+
VINA-
VOUTA
VOUTB
VINB-
VINB+
Ordering Information
PART
NUMBER
PART
MARKING
TEMP RANGE (°C)
TAPE & REEL
PACKAGE
PKG. DWG. #
EL2228CY
N
-40 to +85
-
8 Ld MSOP (3.0mm)
MDP0043
EL2228CY-T13
N
-40 to +85
13”
8 Ld MSOP (3.0mm)
MDP0043
EL2228CY-T7
N
-40 to +85
7”
8 Ld MSOP (3.0mm)
MDP0043
EL2228CYZ (Note)
BAAAV
-40 to +85
-
8 Ld MSOP (3.0mm) (Pb-free)
MDP0043
EL2228CYZ-T13 (Note)
BAAAV
-40 to +85
13”
8 Ld MSOP (3.0mm) (Pb-free)
MDP0043
EL2228CYZ-T7 (Note)
BAAAV
-40 to +85
7”
8 Ld MSOP (3.0mm) (Pb-free)
MDP0043
EL2228CS
2228CS
-40 to +85
-
8 Ld SOIC (150 mil)
MDP0027
EL2228CS-T13
2228CS
-40 to +85
13”
8 Ld SOIC (150 mil)
MDP0027
EL2228CS-T7
2228CS
-40 to +85
7”
8 Ld SOIC (150 mil)
MDP0027
EL2228CSZ (Note)
2228CSZ
-40 to +85
-
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
EL2228CSZ-T13 (Note)
2228CSZ
-40 to +85
13”
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
EL2228CSZ-T7 (Note)
2228CSZ
-40 to +85
7”
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.


Similar Part No. - EL2228CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2228CS ELANTEC-EL2228CS Datasheet
281Kb / 12P
Dual Low Noise Amplifier
logo
Intersil Corporation
EL2228CS INTERSIL-EL2228CS Datasheet
614Kb / 10P
Dual Low Noise Amplifier
April 6, 2005
EL2228CS INTERSIL-EL2228CS Datasheet
501Kb / 12P
Dual Low Noise Amplifier
May 3, 2007
logo
Elantec Semiconductor
EL2228CS-T13 ELANTEC-EL2228CS-T13 Datasheet
281Kb / 12P
Dual Low Noise Amplifier
logo
Intersil Corporation
EL2228CS-T13 INTERSIL-EL2228CS-T13 Datasheet
614Kb / 10P
Dual Low Noise Amplifier
April 6, 2005
More results

Similar Description - EL2228CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2227C ELANTEC-EL2227C Datasheet
182Kb / 15P
Dual Very Low Noise Amplifier
EL2228C ELANTEC-EL2228C Datasheet
281Kb / 12P
Dual Low Noise Amplifier
logo
Intersil Corporation
EL2228 INTERSIL-EL2228 Datasheet
614Kb / 10P
Dual Low Noise Amplifier
April 6, 2005
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
Dual Low-Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
Intersil Corporation
EL1516 INTERSIL-EL1516_06 Datasheet
372Kb / 17P
Dual Ultra Low Noise Amplifier
October 19, 2006
EL2228 INTERSIL-EL2228_07 Datasheet
501Kb / 12P
Dual Low Noise Amplifier
May 3, 2007
logo
Tiger Electronic Co.,Lt...
LM833D TGS-LM833D Datasheet
206Kb / 5P
Low-Noise Dual Operational Amplifier
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
Dual Low Noise Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com