Electronic Components Datasheet Search
  English  ▼

X  

EL4332CSZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL4332CSZ
Description  Triple 2:1 300MHz Mux-Amp AV = 2
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4332CSZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL4332CSZ Datasheet HTML 1Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 2Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 3Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 4Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 5Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 6Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 7Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 8Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
EL4332
FN7163 Rev 2.00
Page 3 of 15
October 4, 2004
Burn In Schematic
tS
Settling Time to 0.1% of Final Value
13
ns
TSW
Time to Switch Inputs
3
ns
OS
Overshoot, VOUT = 4VP-P
8%
ISOab
10M
Input to Input Isolation at 10MHz
60
dB
100M
Input to Input Isolation at 100MHz
40
dB
ISOch-ch
10M
Channel to Channel Isolation at 10MHz
61
dB
100M
Channel to Channel Isolation at 100MHz
50
dB
AC Electrical Specifications
VCC = +5V, VEE = -5V, Temperature = 25°C, RL = 150, CL = 3pF. (Continued)
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
Pin Descriptions
PIN NAME
FUNCTION
A1, A2, A3
“A” inputs to amplifiers 1, 2 and 3 respectively.
B1, B2, B3
“B” inputs to amplifiers 1, 2 and 3 respectively.
GND1, GND2, GND3
These are the individual ground pins for each channel.
Out1, Out2, Out3
Amplifier outputs. Note: there is no short circuit protection on any output.
VCC
Positive power supply. Typically +5V.
VEE
Negative power supply. Typically -5V.
A/B
Common input select pin, a logic high selects the “A” inputs, logic low selects the “B” inputs. CMOS/TTL
compatible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com